Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-3.0 Datasheet(PDF) 5 Page - Recom International Power

Part # RPL-3.0
Description  Evaluation platform for RPL-3.0 Buck Regulator Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 5 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-power.com
REV.: 0/2020
P-5
Evaluation Module
Specifications (measured @ Ta= 25°C, full load and after warm-up unless otherwise stated)
RPL-3.0-EVM-1
Layout
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Dimension (LxWxH)
85.0 x 55.0 x 6.5mm
Weight
21.2g typ.
Notes:
Note3: Visit www.recom-power.com/eval-ref-boards to download the Gerber files
Top Layer
Layer 3
Layer 2
Bottom Layer
continued on next page
BOM
Comp.
Description
Manufacturer Part Number
Manufacturer
Remarks
C1
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
not mounted
C2
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
C3
100nF 25V X7R 0603
CL10B104KA8NNNC
Samsung Electro-Mechanics
C4
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
C5
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
C6
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
C7
22µF 16V X7R 1210
CL32B226KOJNNNE
Samsung Electro-Mechanics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com