Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4012 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4012
Description  N-ChannelEnhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4012 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4012 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
40
---
---
V
IDSS
Drain-Source Leakage Current
VDS=40V , VGS=0V
---
---
1
uA
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0V
---
---
±100
nA
On Characteristics
3
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
1.2
1.6
2.5
V
RDS(ON)
Static Drain-Source On Resistance
VGS=10V,ID=10A
---
8.4
12
mΩ
VGS=4.5V,ID=8A
---
12.3
18
GFS
Forward Transconductance
VDS=5V, ID=10A
---
75
---
S
Dynamic Characteristics
4
Ciss
Input Capacitance
VDS=20V, VGS=0V, f=1MHz
---
1780
---
pF
Coss
Output Capacitance
---
209
---
Crss
Reverse Transfer Capacitance
---
160
---
Switching Characteristics
4
td(on)
Turn-On Delay Time
VDS=20V, ,
RGEN=3Ω, VGS=10V
---
6.4
---
ns
tr
Rise Time
---
17.2
---
ns
td(off)
Turn-Off Delay Time
---
29.6
---
ns
tf
Fall Time
---
16.8
---
ns
Qg
Total Gate Charge
VGS=10V, VDS=20V,
ID=10A
---
30
---
nC
Qgs
Gate-Source
Charge
---
4.2
---
nC
Qgd
Gate-Drain “Miller” Charge
---
9.5
---
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=10A,TJ=25℃
---
---
1.2
V
LM4012
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com