Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4012 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4012
Description  N-ChannelEnhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4012 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4012 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description:
This N-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=40V,ID=12A,RDS(ON)<12mΩ@VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current – Continuous (TC=25℃ )
12
A
Drain Current – Continuous (TC=100℃ )
8.5
IDM
Drain Current – Pulsed
1
60
PD
Power Dissipation (TC=25℃ )
3
W
Power Dissipation – Derate above 25℃
---
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
℃
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
---
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
2
41.7
G4
D
D
D
D
S1
S
S
LM4012
Enhancement Mode Power MOSFET
N-Channel
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LM4012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM40 NSC-LM40 Datasheet
369Kb / 27P
Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
logo
LM Technologies Ltd
LM400 LMTECHNOLOGIES-LM400 Datasheet
4Mb / 7P
LM400 Bluetooth® v2.0, v2.1 Module with IC Antenna
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
Microdiode Semiconducto...
LM4001 CHENDA-LM4001 Datasheet
908Kb / 2P
SURFACE MOUNT RECTIFIERS
LM4001 CHENDA-LM4001 Datasheet
505Kb / 2P
SURFACE MOUNT RECTIFIER
More results

Similar Description - LM4012

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMS12G06A LEIDITECH-LMS12G06A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMS12N10A LEIDITECH-LMS12N10A Datasheet
1Mb / 6P
N-ChannelEnhancement Mode Power MOSFET
LMS4438A LEIDITECH-LMS4438A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMS03N10A LEIDITECH-LMS03N10A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMS8205A LEIDITECH-LMS8205A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMQ20N04A LEIDITECH-LMQ20N04A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMQ3400A LEIDITECH-LMQ3400A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMG80G06A LEIDITECH-LMG80G06A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LM8S12N04 LEIDITECH-LM8S12N04 Datasheet
3Mb / 6P
N-ChannelEnhancement Mode Power MOSFET
LM8S8N06A LEIDITECH-LM8S8N06A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com