Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4012 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4012
Description  N-ChannelEnhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4012 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4012 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4012 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IS
Continuous Source Current
2
---
---
---
12
A
Trr
Body Diode Reverse Recovery Time
---
29
---
Ns
Qrr
Body Diode Reverse Recovery Charge
---
26
---
Nc
Notes:
Typical Characteristics: (T
C=25℃ unless otherwise noted)
TJ = 25°C, IF = 10A
di/dt = 100A/μs
(Note3)
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
Vds Drain-Source Voltage (V)
Figure 1 Output Characteristics
Vgs Gate-Source Voltage (V)
Figure 2 Transfer Characteristics
ID- Drain Current (A)
Figure 3 Rdson- Drain Current
TJ-Junction Temperature(℃)
Figure 4 Rdson-JunctionTemperature
LM4012
Rev :
www.leiditech.com
01.06.2018
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com