Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836AAS Datasheet(PDF) 5 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 5 Page - Analog Devices

  AD1836AAS Datasheet HTML 1Page - Analog Devices AD1836AAS Datasheet HTML 2Page - Analog Devices AD1836AAS Datasheet HTML 3Page - Analog Devices AD1836AAS Datasheet HTML 4Page - Analog Devices AD1836AAS Datasheet HTML 5Page - Analog Devices AD1836AAS Datasheet HTML 6Page - Analog Devices AD1836AAS Datasheet HTML 7Page - Analog Devices AD1836AAS Datasheet HTML 8Page - Analog Devices AD1836AAS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD1836A
Table 3. Digital I/O
Parameter
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.2
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
High Level Output Voltage (VOH) IOH = 2 mA
ODVDD – 0.4
V
Low Level Output Voltage (VOL) IOL = 2 mA
0.5
V
Input Capacitance
20
pF
Table 4. Power Supplies
Parameter
Min
Typ
Max
Unit
Voltage, DVDD and AVDD
4.75
5
5.25
V
Voltage, ODVDD
3.0
3.3/5
5.25
V
Analog Current
108
mA
Analog Current—Power-Down
47
mA
Digital Current
78
mA
Supplies
Digital Current—Power-Down
1.5
mA
Operation—Both Supplies
930
mW
Operation—Analog Supplies
540
mW
Operation—Digital Supplies
390
mW
Dissipation
Power-Down—Both Supplies
243
mW
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
Power Supply Rejection Ratio
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
Table 5. Temperature Range
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
–40
+85
°C Ambient
Functionality Guaranteed
–40
+110
°C Case
Storage
–65
+150
°C
Table 6. Digital Filter @ 44.1 kHz
Parameter
Min
Typ
Max
Unit
Pass Band
20
kHz
Pass-Band Ripple
±0.0001
dB
Transition Band
22
kHz
Stop Band
24
kHz
Stop-Band Attenuation
120
dB
ADC DECIMATION FILTER
Group Delay
990.20
µs
Pass Band
20
kHz
Pass-Band Ripple
±0.01
dB
Transition Band
22
kHz
Stop Band
24
kHz
Stop-Band Attenuation
70
dB
DAC INTERPOLATION FILTER
Group Delay
446.35
µs
Rev. 0 | Page 5 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com