Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836AAS Datasheet(PDF) 22 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1836AAS Datasheet HTML 16Page - Analog Devices AD1836AAS Datasheet HTML 17Page - Analog Devices AD1836AAS Datasheet HTML 18Page - Analog Devices AD1836AAS Datasheet HTML 19Page - Analog Devices AD1836AAS Datasheet HTML 20Page - Analog Devices AD1836AAS Datasheet HTML 21Page - Analog Devices AD1836AAS Datasheet HTML 22Page - Analog Devices AD1836AAS Datasheet HTML 23Page - Analog Devices AD1836AAS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD1836A
Rev. 0 | Page 22 of 24
AD1836A
ADC2L
C1
1nF
C2
1nF
LEFT
INPUT NO. 1
LEFT
INPUT NO. 2
CAP1L
INPUT SELECT
250
Ω
PGA
–
+
–
+
VREF
250
Ω
CAP2L
GAIN SELECT
POWER-DOWN
NOTE
ADC2 SINGLE-ENDED MUX PGA INPUT MODE––LEFT CHANNEL ONLY SHOWN.
CONTROL REGISTER 3 CONTENTS: 6 LSBs: SELECT INPUT NO. 1: 11 1010
SELECT INPUT NO. 2: 11 1111
VREF
Figure 13. Single-Ended MUX/PGA Mode
AD1836A
ADC2L
C1
1nF
C2
1nF
LEFT + VE
INPUT
LEFT – VE
INPUT
CAP1L
–
+
+
VREF
PGA
GAIN SELECT
250
Ω
250
Ω
CAP2L
NOTE
ADC2 DIFFERENTIAL PGA INPUT MODE—LEFT CHANNEL ONLY SHOWN.
CONTROL REGISTER 3 CONTENTS: 6 LSBs: 00 1010
POWER-DOWN
Figure 14. Differential PGA Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com