Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836AAS Datasheet(PDF) 2 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 2 Page - Analog Devices

  AD1836AAS Datasheet HTML 1Page - Analog Devices AD1836AAS Datasheet HTML 2Page - Analog Devices AD1836AAS Datasheet HTML 3Page - Analog Devices AD1836AAS Datasheet HTML 4Page - Analog Devices AD1836AAS Datasheet HTML 5Page - Analog Devices AD1836AAS Datasheet HTML 6Page - Analog Devices AD1836AAS Datasheet HTML 7Page - Analog Devices AD1836AAS Datasheet HTML 8Page - Analog Devices AD1836AAS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD1836A
TABLE OF CONTENTS
AD1836A—Specifications ............................................................... 3
Absolute Maximum Ratings............................................................ 8
Pin Configuration And Pin Functional Descriptions.................. 9
Functional Overview...................................................................... 11
ADCs............................................................................................ 11
DACs ............................................................................................ 11
Clock Signals ............................................................................... 11
Reset and Power-Down ............................................................. 12
Serial Control Port ..................................................................... 12
Power Supply and Voltage Reference....................................... 13
Serial Data Ports—Data Format............................................... 13
SPI Control Registers................................................................. 19
Outline Dimensions ....................................................................... 23
ESD Caution................................................................................ 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
Revision 0: Initial Version
Rev. 0 | Page 2 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com