Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # SPDM
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button SPDM Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 14Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Terminal markings
Connection diagram
Terminal Designation
Description
1
Ground
Ground this terminal to minimize high frequency emissions
2
N
Input terminals (neutral conductor, no polarity with DC input)
3
L
Input terminals (phase conductor, no polarity with DC input)
4
V+
Positive output terminal
5
V-
Negative output terminal
Vout ADJ.
Potentiometer for output voltage adjustment
DC status
LED indication of power supply output status
SPDM 30W
Terminal Designation
Description
1
Ground
Ground this terminal to minimize high frequency emissions
2
N
Input terminals (neutral conductor, no polarity with DC input)
3
L
Input terminals (phase conductor, no polarity with DC input)
4, 5
V+
Positive output terminal
6, 7
V-
Negative output terminal
Vout ADJ.
Potentiometer for output voltage adjustment
DC status
LED indication of power supply output status
SPDM 50W
Terminal Designation
Description
1
Ground
Ground this terminal to minimize high frequency emissions
2
N
Input terminals (neutral conductor, no polarity with DC input)
3
L
Input terminals (phase conductor, no polarity with DC input)
4, 5
V+
Positive output terminal
6, 7
V-
Negative output terminal
Vout ADJ.
Potentiometer for output voltage adjustment
DC status
LED indication of power supply output status
SPDM 75W
100-240VAC
0.8A
50-60Hz
12VDC-2A
SPDM12301
AC/DC Converter
C
US
12VDC-4A
SPDM12501
AC/DC Converter
100-240VAC
1.4A
50-60Hz
C
US
100-240VAC
1.8A
50-60Hz
SPDM12751
AC/DC Converter
12VDC-5.5A
C
US
5
4
1 2 3
100-240VAC
0.8A
50-60Hz
12VDC-2A
SPDM12301
AC/DC Converter
C
US
12VDC-4A
SPDM12501
AC/DC Converter
100-240VAC
1.4A
50-60Hz
C
US
100-240VAC
1.8A
50-60Hz
SPDM12751
AC/DC Converter
12VDC-5.5A
C
US
1
7
2
6
3
5 4
100-240VAC
0.8A
50-60Hz
12VDC-2A
SPDM12301
AC/DC Converter
C
US
12VDC-4A
SPDM12501
AC/DC Converter
100-240VAC
1.4A
50-60Hz
C
US
100-240VAC
1.8A
50-60Hz
SPDM12751
AC/DC Converter
12VDC-5.5A
C
US
1
7
2
6
3
5 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com