Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM Datasheet(PDF) 23 Page - Carlo Gavazzi Holding AG

Part # SPDM
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM Datasheet(HTML) 23 Page - Carlo Gavazzi Holding AG

Back Button SPDM Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 27Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
SPDM 120W / 12VDC
Mounting A
Input
Output
Power
Supply
Output current
A1
Ambient temperature
0
0
2
4
6
8
10A
0
2
4
6
8
10A
0
2
4
6
8
10A
0
2
4
6
8
10A
5
15
25
35
45°C
Ambient temperature
0
5
15
25
35
45°C
Ambient temperature
0
5
15
25
35
45°C
Ambient temperature
0
5
15
25
35
45°C
Mounting B
Output current
Output current
A1
A2
Mounting C
Output current
A1
A2
Mounting D
Output current
A1
A2
0
2
4
6
8
10A
Ambient temperature
0
5
15
25
35
45°C
Mounting E
Output current
A1
A2
Mounting A
Input
Output
Power
Supply
Output current
A1
Ambient temperature
0
0
1
2
3
4
5A
10
20
30
40
50°C
Ambient temperature
0
0
1
2
3
4
5A
10
20
30
40
50°C
Ambient temperature
0
0
1
2
3
4
5A
10
20
30
40
50°C
Ambient temperature
0
0
1
2
3
4
5A
10
20
30
40
50°C
Ambient temperature
0
0
1
2
3
4
5A
10
20
30
40
50°C
Mounting B
A1
A2
Mounting C
Output current
A1
A2
Mounting D
Output current
A1
A2
Mounting E
Output current
A1
A2
SPDM 120W / 24VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com