Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM Datasheet(PDF) 16 Page - Carlo Gavazzi Holding AG

Part # SPDM
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM Datasheet(HTML) 16 Page - Carlo Gavazzi Holding AG

Back Button SPDM Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPDM Datasheet HTML 20Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
SPDM 240W 24VDC / 48VDC
Temperature (°C)
0
2
4
6
8
10
-20 -15 -10 -5
0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
70
Temperature (°C)
-20
0
1
2
3
4
5
6
-10
10
20
30
40
50
60
70
0
Input (VAC)
90
11
10
9
8
7
6
5
4
3
2
1
0
110
130
150
170
190
210
230
250
Temperature (°C)
0
2
4
6
8
10
-20 -15 -10 -5
0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
70
Temperature (°C)
-20
0
1
2
3
4
5
6
-10
10
20
30
40
50
60
70
0
Input (VAC)
90
11
10
9
8
7
6
5
4
3
2
1
0
110
130
150
170
190
210
230
250
Typical current limited curve
SPDM 30W / 50W / 75W 12VDC / 24VDC
@110VAC
Typ T1 : 1000ms, Typ T2 : 300ms
T1
100
50
v
t
T2
Typ T1 : 4500ms, Typ T2 : 320ms
T1
100
50
v
t
T2
SPDM 30W / 50W / 75W 12VDC / 24VDC
@230VAC
Typ T1 : 1000ms, Typ T2 : 300ms
T1
100
50
v
t
T2
Typ T1 : 4500ms, Typ T2 : 320ms
T1
100
50
v
t
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com