Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM12301/B Datasheet(PDF) 26 Page - Carlo Gavazzi Holding AG

Part # SPDM12301/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12301/B Datasheet(HTML) 26 Page - Carlo Gavazzi Holding AG

Back Button SPDM12301/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 29Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
26
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Wiring diagram
Neutral - N
Line - L
VAC
VDC
Ground
LOAD
+
-
Electrical line
Connection specification
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Terminal type
Screw or spring terminal type
Input 6.35mm, 3pin screw terminals
Screw driver
blade
Philips 1 ( PH 1 )
3.5mm slotted or cross screwdriver
Tightening torque
(recommended)
5Nm
5Nm
Flexible conductor
cross section max
2.5mm2 (screw)
2.0mm2 (spring)
4mm2
Flexible conductor
cross section min
0.2mm2
0.5mm2
Conductor cross
section AWG max
AWG26 (screw)
AWG 24 (spring)
AWG20 (PG wire >18AWG)
Conductor cross
section AWG min
AWG12 (screw)
AWG 14 (spring)
AWG10 (PG wire >18AWG)
Rigid conductor
cross-section min
2.5mm2 (screw)
2.0mm2 (spring)
6mm2
Rigid conductor
cross-section max
0.2mm2
0.5mm2
Max wire diameter
Spring terminal: AWG24-14 (0.2~ 2mm2)
Screw terminal: AWG26-12 (0.2~2.5mm2)
2.8mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com