Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM12301/B Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # SPDM12301/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12301/B Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  SPDM12301/B Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Single Phase Power Supply
Benefits
Description
Applications
•
Power in compact dimensions. The SPDM provides up
to +30% space saving when compared to SPD
•
Reliable and cost saving. The SPDM provides high
reliability power at an attractive price level
•
Low power loss, high efficiency. The compact design
results in low energy losses and high efficiency
•
Intuitive indication. A clear LED indicates the status of
the power supply
•
Universal AC, DC input range. SPDM series can be
powered with AC Voltage (85VAC to 264VAC) or with DC
Voltage (130VDC to 350VDC).
•
Reliable critical protection. The operation safety is
guaranteed by the various output protections: Over
Voltage (OVP), Over Load (OLP), Short Circuit ( zz ) and
Over Temperature (OTP).
•
High efficiency and wide operating ambient
temperature. These power supplies have an efficiency
up to 88%.
•
Ease of installation. The SPDM can be installed in 5
different orientations, enabling the unit to fit easily into
installations with limited space.
The SPDM is designed to be used in all automation
applications, where it can be easily installed on the
Din rail and save installation time by up to 50%
with the option of the spring terminal. The SPDM
is a premium quality product at an attractive price
level. Reliability is guaranteed through the multiple
integrated protections.
This product is extremely suitable for all applications which require single-phase power supply with universal
voltage input and high efficiency.
• Compact dimension of up to 45mm width
• High efficiency up to 88%
• Universal input voltage range: 85VAC to 264VAC; 130VDC to 350VDC
• 30W, 50W, 75W, 120W, 240W
• Screw or spring terminals
Main functions


Similar Part No. - SPDM12301/B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDM16C11 SENSITRON-SPDM16C11 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
SPDM16C11 SENSITRON-SPDM16C11 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
More results

Similar Description - SPDM12301/B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
Single-Phase Single Chip Vcore Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
Single-Phase Single Chip Graphics Core Power Supply
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
Single-Phase Single Chip Graphics Core Power Supply
logo
Altech corporation
PSP480S ALTECH-PSP480S_1 Datasheet
110Kb / 2P
480W Single Phase Industrial DIN Rail Power Supply
logo
Semtech Corporation
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
Single-Phase Single Chip Vcore Power Supply
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
logo
Carlo Gavazzi Holding A...
SPPC CARLOGAVAZZI-SPPC Datasheet
3Mb / 36P
Single Phase Power Supply
SPMA CARLOGAVAZZI-SPMA Datasheet
2Mb / 18P
Single Phase Power Supply
SPDE CARLOGAVAZZI-SPDE Datasheet
3Mb / 19P
Single Phase Compact Power Supply
26/05/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com