Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM12301/B Datasheet(PDF) 28 Page - Carlo Gavazzi Holding AG

Part # SPDM12301/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12301/B Datasheet(HTML) 28 Page - Carlo Gavazzi Holding AG

Back Button SPDM12301/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPDM12301/B Datasheet HTML 29Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
28
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Signaling and controls
Troubleshooting
Control and protection
Operating description
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
DC OK LED
Green
DC OK output type
No
OK threshold
9.6VDC to 10.8VDC (12VDC)
19.2 VDC to 21.6VDC (24VDC)
/
/
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Overvoltage protection
16-18VDC (12VDC)
28.8-32.4VDC (24VDC)
15-18VDC
(12VDC)
29-33VDC
(24VDC)
58-63VDC
(48VDC)
28-35VDC
(24VDC)
58-63VDC
(48VDC)
Overload protection
140%
10.5-13A
(12VDC)
5.25-6.5A
(24VDC)
2.75-3.25A
(48VDC)
10.3-11.5A
(24VDC)
5.55-6.5A
(48VDC)
Current limiting
/
/
/
Short circuit protection
Hiccup mode
Long-term mode, auto recovery
Over temperature
protection
-
100±5°C, detect on heat sink of
power transistor; shut down O/P,
re-power on
Internal voltage surge
protection
Varistor
NTC
Reverse voltage
protection
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com