Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830F Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # IRF830F
Description  4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF830F Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  IRF830F Datasheet HTML 1Page - First Silicon Co., Ltd IRF830F Datasheet HTML 2Page - First Silicon Co., Ltd IRF830F Datasheet HTML 3Page - First Silicon Co., Ltd IRF830F Datasheet HTML 4Page - First Silicon Co., Ltd IRF830F Datasheet HTML 5Page - First Silicon Co., Ltd IRF830F Datasheet HTML 6Page - First Silicon Co., Ltd IRF830F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2015. 06. 2
6/7
Revision No : 0
Gate - Source Voltage VGS (V)
Fig1. ID - VDS
Drain - Source Voltage VDS (V)
Drain Current ID (A)
100
10-1
101
6
8
0
1
4
2
Fig2. ID - VGS
Fig3. BVDSS - Tj
Fig4. RDS(ON) - ID
-100
-50
0.8
0.9
1.2
1.1
1.0
0
50
100
150
Fig5. IS - VSD
0.2
0.4
0.8
1.0
1.2
0.6
1.4
1.6
1.8
3.0
1.0
0
0.5
1.5
2.5
2.0
8
0
2
1
4
6
0
1
2
Junction Temperature Tj ( )
C
Source - Drain Voltage VSD (V)
100
10-1
101
102
Fig6. RDS(ON) - Tj
Junction Temperature Tj (℃)
0
50
0
5
1
0
0
1
0
5
-
0
0
1
-
0.0
0.5
3.0
2.5
1.0
1.5
2.0
VGS =10V
IDS = 2.5A
VGS = 0V
IDS = 250
25 C
0
0
1
1
0
1
1
.
0
0.1
1
10
100
VGS=10V
VGS=7V
VGS=10V
VGS=6V
VDS=30V
25 C
TC=100 C
TC=100 C
VGS=5V
IRF830/F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com