Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # IRF830F
Description  4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF830F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  IRF830F Datasheet HTML 1Page - First Silicon Co., Ltd IRF830F Datasheet HTML 2Page - First Silicon Co., Ltd IRF830F Datasheet HTML 3Page - First Silicon Co., Ltd IRF830F Datasheet HTML 4Page - First Silicon Co., Ltd IRF830F Datasheet HTML 5Page - First Silicon Co., Ltd IRF830F Datasheet HTML 6Page - First Silicon Co., Ltd IRF830F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2015. 06. 26
3/7
Revision No : 0
ELECTRICAL CHARACTERISTICS (Cont.)
VSD
TJ = 25°C, ISD =4.5A, VGS = 0V
1.6
V
ISD
4.5
A
ISDM
18
A
tRR
435
ns
QRR
TJ = 25°C, ISD = 4.5A,
dlSD
/
A
0
0
1
==
t
d
/
µs
3.3
µC
Note:
1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Modified MOSFET symbol showing the integral reverse P-N junction diode as below.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
SOURCE TO DRAIN DIODE SPECIFICATIONS
Source to Drain Diode Voltage (Note 1)
Continuous Source to Drain Current
Pulse Source to Drain Current
Reverse Recovery Time
Reverse Recovery Charge
MAX
Note 2
IRF830/F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com