Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # IRF830F
Description  4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF830F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  IRF830F Datasheet HTML 1Page - First Silicon Co., Ltd IRF830F Datasheet HTML 2Page - First Silicon Co., Ltd IRF830F Datasheet HTML 3Page - First Silicon Co., Ltd IRF830F Datasheet HTML 4Page - First Silicon Co., Ltd IRF830F Datasheet HTML 5Page - First Silicon Co., Ltd IRF830F Datasheet HTML 6Page - First Silicon Co., Ltd IRF830F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4.4A, 500V, 1.5Ω
N-CHANNEL POWER MOSFET
DESCRIPTION
FEATURES
* 4.4A, 500V, RDS(ON)
=1.5Ω
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
SYMBOL
2015. 06. 26
1/7
SEMICONDUCTOR
TECHNICAL DATA
IRF830/F
Revision No : 0
* Single Pulse Avalanche EnergyRated
* Linear Transfer Characteristics
* High Input Impedance
G
D
S
IRF830 is 500V High voltage N-Channel enhancement
mode power MOS-FET chip fabricated in advanced
silicon epitaxial planar technology;
Advanced termination scheme to provide enhanced voltage-
blocking capability;
Avalanche Energy Specified;
Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode;
IRF830 product is widely used in AC-DC power
suppliers, DC-DC converters and H-bridge PWM motor
drivers.
Power MOS FET
TO - 220
1
1
TO - 220F
P :
F :
ORDERING INFORMATION
Ordering Number
Pin Assignment
Package
1
2
3
Packing
IRF830
TO-220
G
D
S
Tube
IRF830F
TO-220F
G
D
S
Tube
Note: Pin Assignment:
G: Gate
D: Drain
S: Source


Similar Part No. - IRF830F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF830FI ISC-IRF830FI Datasheet
64Kb / 2P
isc N-Channel MOSFET Transistor
logo
Suntac Electronic Corp.
IRF830FP SUNTAC-IRF830FP Datasheet
225Kb / 4P
POWER MOSFET
logo
First Components Intern...
IRF830FP FCI-IRF830FP Datasheet
405Kb / 5P
4.5A 500V N CHANNEL POWER MOSFET
More results

Similar Description - IRF830F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM3622 FAIRCHILD-FDM3622_07 Datasheet
222Kb / 7P
N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
logo
Unisonic Technologies
4N70 UTC-4N70_12 Datasheet
246Kb / 6P
4.4A, 700V N-CHANNEL POWER MOSFET
UF830 UTC-UF830 Datasheet
307Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
4.4A, 700V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
logo
Unisonic Technologies
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com