Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VS5-252 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 20VS5-252
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS5-252 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  20VS5-252 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS5-252 Datasheet HTML 2Page - M-System Co.,Ltd. 20VS5-252 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 20VS5-252
http://www.m-system.co.jp/
20VS5-252 SPECIFICATIONS
ES-4437 Rev.0 Page 3/3
R2
R1
Inverting circuit G = -1
■ Inverting amplifier circuit: Basic example of G = -1 (output inverted to the input) (R1≈ R2)
1
2
4
3
17
16
6
5
15
14
13
+
−
+
–
+
–
OUTPUT ±10 V DC
–
+
POWER
INPUT ±10V DC
+
−
+15V
COM
–15V
REFERENCE
VOLTAGE SOURCE
R2
R1
Non-inverting amplifier circuit G = 1 + R1 / R2
■ Non-inverting amplifier circuit: Example of G = 1 + R1 / R2
1
2
4
3
17
16
6
5
15
14
13
+
−
+
–
+
–
OUTPUT VO
–
+
POWER
INPUT VIN
+
−
+15V
COM
–15V
REFERENCE
VOLTAGE SOURCE
R2
R1
Inverting amplifier circuit G = -R1 / R2
■ Inverting amplifier circuit: Example of G = -R1 / R2 (output inverted to the input)
1
2
4
3
17
16
6
5
15
14
13
+
−
+
–
+
–
OUTPUT VO
–
+
POWER
INPUT VIN
+
−
+15V
COM
–15V
REFERENCE
VOLTAGE SOURCE
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com