Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VS5-252 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 20VS5-252
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS5-252 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  20VS5-252 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS5-252 Datasheet HTML 2Page - M-System Co.,Ltd. 20VS5-252 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 20VS5-252
http://www.m-system.co.jp/
20VS5-252 SPECIFICATIONS
ES-4437 Rev.0 Page 2/3
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
17.78(.7)
MAX. 47.5 (1.87)
1
6
13
17
MAX. 10(.39)
12.7(.5)
10.16(.4)
[3.43(.14)]
2.54(.1)
7(.26)
0.25(.01)
3.0(.12)
PIN ASSIGNMENT
6
5
4
3
2
1
REFERENCE VOLTAGE SOURCE (–)
REFERENCE VOLTAGE SOURCE (+)
COM (–)
NON-INVERTING INPUT
17
16
15
14
OUTPUT (+)
OUTPUT (–)
POWER SUPPLY (+)
POWER SUPPLY (–)
INVERTING INPUT
FEEDBACK
[3.43(.14)]
0.5(.02)
13
REFERENCE VOLTAGE SOURCE (COM)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
2
FEEDBACK 1
5
13
15
14
6
3
4
17
16
Note. The reference voltage source is common to the output (–).
OUTPUT
POWER SUPPLY
+
–
+15V
COM
– 15V
Output
Driver
Isolation
Amplifier
(–)
COM (–)
INPUT
NON-INVERTING INPUT
INVERTING INPUT
REFERENCE VOLTAGE SOURCE
(
+)
APPLICATION EXAMPLE
10 kΩ ≤ (R1 + R2) ≤ 200 kΩ
+
−
+
–
+
–
1
2
Non-inverting circuit G = 0.98
OUTPUT ±9.8V DC
–
+
POWER
■ Non-inverting amplifier circuit: Basic example of G = 0.98
INPUT ±10V DC
+
−
4
3
6
5
17
16
+15V
COM
–15V
REFERENCE
VOLTAGE SOURCE
15
14
13



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com