Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VS5-252 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 20VS5-252
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS5-252 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  20VS5-252 Datasheet HTML 1Page - M-System Co.,Ltd. 20VS5-252 Datasheet HTML 2Page - M-System Co.,Ltd. 20VS5-252 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 20VS5-252
http://www.m-system.co.jp/
20VS5-252 SPECIFICATIONS
ES-4437 Rev.0 Page 1/3
Hybrid IC Isolation Amplifiers 20 Series
ISOLATION AMPLIFIER
(high-accuracy, output isolation)
Functions & Features
• Being used for printed wiring board installation
• Up to 1000 V isolation between output to input or power
input
• High-linearity
• Small installation area in printed wiring board
• Gain adjustable range, × 1 to × 10
• Power 15 V DC
Typical Applications
• Isolating the field and input circuit of microprocessor to
reduce noise from field
• Available for manufacturers of small-lot products to omit
the development of isolation circuit
mm (inch)
10.0 (.39)
18.5 (.73)
47.5 (1.87)
MODEL: 20VS5-252–U
ORDERING INFORMATION
• Code number: 20VS5-252-U
INPUT RANGE -10 – +10 V DC
OUTPUT RANGE -10 – +10 V DC
POWER INPUT
DC Power
U: 15 V DC
GENERAL SPECIFICATIONS
Construction: Hybrid IC
Isolation: Output or reference voltage source to input or
power supply
INPUT SPECIFICATIONS
■ DC Voltage
Input : -10 – +10 V DC
Input resistance: ≥ 1 MΩ (≥ 10 kΩ in power failure)
Overload input voltage: 30 V DC continuous
Input offset voltage: ±15 mV
Input bias current: 0.5 nA TYP. (@25°C)
OUTPUT SPECIFICATIONS
■ DC Voltage: -10 – +10 V DC
Load resistance: ≥ 5 kΩ
Output impedance: ≤ 1 Ω
REFERENCE VOLTAGE SOURCE
Output voltage: ±15 V DC TYP.
Load current: ≤ 1 mA
INSTALLATION
Power input
•DC: Operational voltage range: Rating ±5 %, ripple 2 %p-p
max.; ≤ 12 mA with no load
Operating temperature: 0 to 70°C (32 to 158°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Soldering to the printed wiring board
Weight: 10g (0.35 oz)
PERFORMANCE in percentage of span
Unless otherwise specified, G = 1.
Linearity: ±0.05 %
Temp. coefficient: 50 ppm/°C (28 ppm/°F)
Frequency characteristics: Approx. 3 kHz, -3 dB
Response time: ≤ 150 μsec. (0 – 90 %)
Conversion gain: ×0.98 ±2 %
Gain adjustable range: × 1 to × 10
Line voltage effect: ±0.05 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute
(output or reference voltage source to input
or power supply)
CMRR: ≥ 100 dB (500 V AC 50/60 Hz)


Similar Part No. - 20VS5-252

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
20VS5-251 MSYSTEM-20VS5-251 Datasheet
161Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
More results

Similar Description - 20VS5-252

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
20VS5-251 MSYSTEM-20VS5-251 Datasheet
161Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VS5-2 MSYSTEM-20VS5-2 Datasheet
90Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS2-2 MSYSTEM-20VS2-2 Datasheet
104Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
20VS1C MSYSTEM-20VS1C Datasheet
94Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS1B MSYSTEM-20VS1B Datasheet
185Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VF1 MSYSTEM-20VF1 Datasheet
103Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
20VS52 MSYSTEM-20VS52 Datasheet
90Kb / 3P
Hybrid IC Isolation Amplifiers 20 Series
20VS202 MSYSTEM-20VS202 Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
20VS5251 MSYSTEM-20VS5251 Datasheet
161Kb / 4P
Hybrid IC Isolation Amplifiers 20 Series
20VS7205D MSYSTEM-20VS7205D Datasheet
84Kb / 2P
Hybrid IC Isolation Amplifiers 20 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com