Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXV-4-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M1EXV-4-R
Description  Multi-channel Super-mini Signal Conditioners
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV-4-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M1EXV-4-R Datasheet HTML 1Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 8Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MODEL: M1EXV-4
M1EXV-4 SPECIFICATIONS
ES-6040 Rev.2 Page 3/10
https://www.m-system.co.jp/
ch1 output to ch2 output to ch3 output to ch4 output to
power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input signal: 1 - 5 V DC, Output signal: 4 -
20 mA DC, Max segment gain with linearization set: 1.5
Input Range -5 – +5 V, Input Setting 1 – 5 V, Output Range 0
– 20 mA, Output Setting 4 – 20 mA, Segment Gain 1.5
■ Overall accuracy
• Input Accuracy = Input Range Span (10 V) ÷ Input Span
(4 V) × 0.03 % = 0.075 %
• Output Accuracy = Output Range Span (20 mA) ÷ Output
Span (16 mA) × 0.06 % × Segment Gain (1.5) = 0.1125 %
Overall Accuracy = 0.075 + 0.1125 = ±0.1875 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com