Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXV-4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M1EXV-4-R
Description  Multi-channel Super-mini Signal Conditioners
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV-4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M1EXV-4-R Datasheet HTML 1Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 8Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MODEL: M1EXV-4
M1EXV-4 SPECIFICATIONS
ES-6040 Rev.2 Page 1/10
https://www.m-system.co.jp/
Multi-channel Super-mini Signal Conditioners
with Display M1E-4 Series
SIGNAL TRANSMITTER
(4 channels, PC programmable)
Functions & Features
• Converts DC input from a sensor into a standard process
signal
• 4 channels
• Isolation between inputs and outputs
• Adjustments with the front buttons
• OEL display with good visibility
• Linearization available for each channel (111 points)
Typical Applications
• Isolation between control room and field instrumentation
• Ideal for quick spare part
36 (1.42)
99
(3.90)
125 (4.92)
mm (inch)
Note: The gure shows the combination
of the unit and the base.
MODEL: M1EXV-4-R[1]
ORDERING INFORMATION
• Code number: M1EXV-4-R[1]
Specify a code from below for [1].
(e.g. M1EXV-4-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
4: 4 channels
INPUT – Field-selectable
◆ DC Input
• Current input: 0 - 20 mA DC
• Voltage input: -5 - +5 V DC
• Voltage input: -10 - +10 V DC
OUTPUT – Field-selectable
◆ DC Output
• Current output: 0 - 20 mA DC
• Voltage output: -5 - +5 V DC
• Voltage output: -10 - +10 V DC
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-6040)
RELATED PRODUCTS
• Installation base (model: M1E-BS2)
• M1E configurator software (model: M1ECFG (M1E4CFG))
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual (EM-6041) for the M1E configurator for
applicable cable types.
PACKAGE INCLUDES...
• Precision resistor module (model: REM3-250): 4
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
• Connected to base with connector
• Base
M2.6 screw terminals (torque: 0.5 N·m)
Applicable solderless terminal size (M3)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Ch1 input to ch2 input to ch3 input to ch4 input to
ch1 output to ch2 output to ch3 output to ch4 output to
power
Overrange output: Approx. -5 to +105 % (Not available for


Similar Part No. - M1EXV-4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M1EXV-4-R MSYSTEM-M1EXV-4-R Datasheet
356Kb / 10P
Multi-channel Super-mini Signal Conditioners with Display M1E-4 Series
M1EXV-4-R/Q MSYSTEM-M1EXV-4-R/Q Datasheet
356Kb / 10P
Multi-channel Super-mini Signal Conditioners with Display M1E-4 Series
More results

Similar Description - M1EXV-4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M1EAX-V1 MSYSTEM-M1EAX-V1 Datasheet
316Kb / 10P
Multi-output Super-mini Signal Conditioners with Display
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M1EXV4 MSYSTEM-M1EXV4 Datasheet
356Kb / 10P
Multi-channel Super-mini Signal Conditioners with Display M1E-4 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com