Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXV-4-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # M1EXV-4-R
Description  Multi-channel Super-mini Signal Conditioners
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV-4-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button M1EXV-4-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 8Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 9Page - M-System Co.,Ltd. M1EXV-4-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MODEL: M1EXV-4
M1EXV-4 SPECIFICATIONS
ES-6040 Rev.2 Page 7/10
https://www.m-system.co.jp/
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch3 Setting
01
Lockout setting
Lock / Unlock
–
Lock
202
Ch3 Enable
Disable / Enable
–
Enable
211
Ch3 Input range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
-5 – +5 V
212
Ch3 0 % input setting
0.00 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
1.000
213
Ch3 100 % input setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
mV
V
5.000
214
Ch3 0 % input scaling
-99999 – 999999
–
0.00
215
Ch3 100 % input scaling
-99999 – 999999
–
100.00
216
Ch3 Input decimal point
No decimal point
The number of decimal places: 1 – 5
–
2 places of decimals
217
Ch3 Unit (INP Scaling)
Choose from 68 types*
–
%
261
Ch3 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
0 – 20 mA
262
Ch3 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
263
Ch3 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
271
Ch3 Filter time constant
0 – 30
sec.
0
281
Ch3 Input Zero fine adjust
-5.000 – 5.000
%
0.000
282
Ch3 Input Span fine adjust
95.000 – 105.000
%
100.000
291
Ch3 Output Zero fine adjust
-5.000 – 5.000
%
0.000
292
Ch3 Output Span fine adjust
95.000 – 105.000
%
100.000
295
Ch3 User's table Linearization Cancel / Set
–
Cancel
298
Ch3 Loop test
-5.00 – 105.00
%
Cancel
* For details on types, refer to the operating manual (EM-6040-B).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com