Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56W Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAW56W
Description  SOT-323 Plastic-Encapsulate Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAW56W Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAW56W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAW56W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAW56W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
MARKING: A1
Maximum Ratings @T
a=25
℃
Non-Repetitive Peak
Reverse Voltage
VRM
100
V
Peak Repetitive Peak
Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
IFSM
2.0
A
Power Dissipation
200
Thermal Resistance Junction to Ambient
RθJA
625
Junction
Temperature
Tj
150
℃
Storage
Temperature
TSTG
-
55~+150
℃
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Ty
p
Max
Unit
Conditions
Reverse breakdown voltage
V (BR)
75
V
IR=2.5μA
VF1
0.715
V
IF=1mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=50mA
Forward voltage
VF4
1.25
V
IF=150mA
IR1
2.5
μA
VR=75V
Reverse current
IR2
25
nA
VR=20V
Capacitance between terminals
CT
2
pF
VR=0V,f=1MHz
Reverse
recovery time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
SOT-323
1
2
3
℃/W
mW
Forward Surge Current
@t=8.3ms
Non-Repetitive Peak
PD
Parameter
Limit
Unit
Symbol
A1
SOT-323 Plastic-Encapsulate Diode
BAW56W
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - BAW56W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56W PANJIT-BAW56W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAW56W PHILIPS-BAW56W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Won-Top Electronics
BAW56W WTE-BAW56W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common anode)
logo
Diodes Incorporated
BAW56W DIODES-BAW56W Datasheet
64Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30064 Rev. 3 - 2
More results

Similar Description - BAW56W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAV70W RECTRON-BAV70W Datasheet
379Kb / 2P
SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD4148W WILLAS-MMBD4148W Datasheet
357Kb / 3P
SOT-323 Plastic-Encapsulate DIODE
2SK3018WT1 WILLAS-2SK3018WT1 Datasheet
427Kb / 3P
SOT-323 Plastic-Encapsulate MOSFETS
logo
SHENZHEN YONGERJIA INDU...
BAW56W WINNERJOIN-BAW56W Datasheet
119Kb / 1P
SOT-323 Plastic-Encapsulate DIODE
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS20W YEASHIN-BAS20W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W YEASHIN-MMBD4448W Datasheet
442Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com