Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BCP54
Description  For AF driver and output stages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BCP54 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BCP54 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
1
10
100
1000
10
100
1000
1
10
100
1000
0.4
0.6
0.8
1.0
0.1
1
10
1
10
100
012
345
0
50
100
150
200
250
1
10
100
1000
10
100
1000
V
CB
/ V
EB
C
ob
/ C
ib
——
V
BE
I
C
——
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=2V
BASE-EMITTER VOLTAGE
V
BE
(V)
Static Characteristic
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=2V
300
30
COLLECTOR CURRENT
I
C
(mA)
T
a=100
℃
T
a=25
℃
β=10
COLLECTOR CURRENT
I
C
(mA)
300
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob
C
ib
0.3
20
3
REVERSE BIAS VOLTAGE
V (V)
COMMON
EMITTER
T
a=25
℃
1.0mA
0.7mA
0.9mA
0.6mA
0.5mA
0.8mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
T
a=25
℃
T
a=100
℃
β=10
V
BEsat
——
V
CEsat
——
I
C
I
C
300
30
COLLECTOR CURRENT
I
C
(mA)
Typical Characteristics
BCP54,55,56
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com