Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BCP54
Description  For AF driver and output stages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BCP54 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BCP54 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
For AF driver and output stages
High collector current
Low collector-emitter saturation voltage
Complementary types: BCP51 ... BCP53 (PNP)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
BCP54
BCP55
BCP56
Unit
VCBO
Collector-Base Voltage
45
60
100
V
VCEO
Collector-Emitter Voltage
45
60
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
1.5
W
RθJA
Thermal Resistance Junction to Ambient
83.3
℃
/W
Tstg
Storage Temperature Range
-65
~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
BCP54
BCP55
BCP56
V(BR)CBO
IC= 0.1mA,IE=0
45
60
100
V
Collector-emitter breakdown voltage
BCP54
BCP55
BCP56
V(BR)CEO
IC= 10mA,IB=0
45
60
80
V
Base-emitter breakdown voltage
V(BR)EBO
IE= 10μA,IC=0
5
V
Collector cut-off current
ICBO
VCB= 30 V, IE=0
100
nA
hFE(1)
VCE= 2V, IC=5mA
25
hFE(2)
VCE= 2V, IC=150m A
63
250
DC current gain
hFE(3)
VCE= 2V, IC=500m A
25
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
0.5
V
Base-emitter voltage
VBE
VCE=2V, IC=500m A
1
V
Transition frequency
fT
VCE=10V,IC=50mA,f=100MHz
100
MHz
CLASSIFICATION OF hFE(2)
Rank
BCP54-10, BCP55-10, BCP56-10
BCP54-16, BCP55-16, BCP56-16
Range
63-160
100-250
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
Marking
BCP54-10, BCP55-10, BCP56-10
BCP54-16, BCP55-16, BCP56-16
BCP54,55,56
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP54 FAIRCHILD-BCP54 Datasheet
39Kb / 4P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
PNP Silicon AF Transistor (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
For AF input stages and driver applications
2011-09-09
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
Suitable for AF-Driver stages and low power output stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BCX51 INFINEON-BCX51_11 Datasheet
526Kb / 8P
For AF driver and output stages
2011-07-29
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
For AF driver and output stages
2011-09-19
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
For AF driver and output stages
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com