Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BCP54
Description  For AF driver and output stages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BCP54 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BCP54 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BCP54 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
25
50
75
100
125
150
0
300
600
900
1200
1500
1800
100
10
100
f
T
——
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
( )
℃
300
10
30
COMMON EMITTER
V
CE=10V
T
a=25
℃
COLLECTOR CURRENT
I
C
(mA)
I
C
Typical Characteristics
BCP54,55,56
Rev :
www.leiditech.com
01.06.2018
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com