Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMSS84W Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMSS84W
Description  POWER MOSFET 130 mAmps, 50 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMSS84W Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMSS84W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
V(BR)DSS
50
Vdc
Zero Gate Voltage Drain Current
(VDS = 25 Vdc, VGS = 0 Vdc)
(VDS = 50 Vdc, VGS = 0 Vdc)
(VDS = 50 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
0.1
15
60
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
±60
µAdc
ON CHARACTERISTICS (Note 1.)
Gate–Source Threaded Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(th)
0.8
2.0
Vdc
Static Drain–to–Source On–Resistance
(VGS = 5.0 Vdc, ID = 100 mAdc)
rDS(on)
5.0
10
Ohms
Transfer Admittance
(VDS = 25 Vdc, ID = 100 mAdc, f = 1.0 kHz)
|yfs|
50
mS
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 Vdc)
Ciss
30
pF
Output Capacitance
(VDS = 5.0 Vdc)
Coss
10
Transfer Capacitance
(VDG = 5.0 Vdc)
Crss
5.0
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
td(on)
2.5
ns
Rise Time
(VDD = –15 Vdc, ID = –2.5 Adc,
tr
1.0
Turn–Off Delay Time
(VDD
15 Vdc, ID
2.5 Adc,
RL = 50 Ω)
td(off)
16
Fall Time
tf
8.0
Gate Charge
QT
6000
pC
SOURCE–DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
0.130
A
Pulsed Current
ISM
0.520
Forward Voltage (Note 2.)
VSD
2.5
V
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.
TYPICAL ELECTRICAL CHARACTERISTICS
0
0.3
0.4
0.1
0.6
0.2
Figure 1. Transfer Characteristics
1
1.5
2
2.5
3
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 2. On–Region Characteristics
VDS = 10 V
150°C
25°C
-55°C
02
4
10
0
0.15
0.2
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
6
0.05
8
0.3
0.1
3.5
0.5
0.25
13
9
57
3.25 V
2.75 V
2.25 V
2.5 V
3.0 V
VGS = 3.5 V
4
0.35
0.4
0.5
0.45
TJ = 25°C
LMSS84W
Rev : 01.06.2014
2/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com