Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMSS84W Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMSS84W
Description  POWER MOSFET 130 mAmps, 50 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMSS84W Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMSS84W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT –323
Power MOSFET
130 mAmps, 50 Volts
P–Channel SOT–323
These miniature surface mount MOSFETs reduce power loss
conserve energy, making this device ideal for use in small power
management circuitry. Typical applications are dc–dc converters, load
switching, power management in portable and battery–powered
products such as computers, printers, cellular and cordless telephones.
• Energy Efficient
• Miniature SOT–323 Surface Mount Package Saves Board Space
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
-50
Vdc
Gate–to–Source Voltage – Continuous
VGS
± 20
Vdc
Drain Current
– Continuous @ TA = 25°C
– Pulsed Drain Current (tp ≤ 10 µs)
ID
IDM
-130
-520
mA
Total Power Dissipation @ TA = 25°C
PD
225
mW
Operating and Storage Temperature
Range
TJ,Tstg
– 55 to
150
°C
Thermal Resistance – Junction–to–Ambient
RθJA
556
°C/W
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
°C
Rating
MAXIMUM RATINGS (TJ = 25 C unless otherwise noted)
°
3 Drain
1
2
-
Gate
Source
Marking Diagram
PD
W
W = Work Week
• Pb-Free Package is available.
Device
Package
Shipping
SOT-323
10000/Tape&Reel
ORDERING INFORMATION
LMSS84W
SOT-323
3000/Tape&Reel
LMSS84W
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board
(Note 3.) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(Note 4.) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to
+150
°C
LMSS84W
Rev : 01.06.2014
1/4
www.leiditech.com


Similar Part No. - LMSS84W

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
LMS VCC-LMS Datasheet
76Kb / 1P
5MM MOISTURE SEALED LITEPIPE
logo
Isabellenhütte Heu...
LMS ISABELLENHUETTE-LMS Datasheet
528Kb / 4P
SMD precision resistors
logo
Shanghai Leiditech Elec...
LMS LEIDITECH-LMS Datasheet
1Mb / 14P
Sealed Power Inductors
logo
M-System Co.,Ltd.
LMS MSYSTEM-LMS Datasheet
108Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
TDK Electronics
LMS TDK-LMS Datasheet
371Kb / 4P
LAMBDAS INDUSTRIAL LMS SERIES
More results

Similar Description - LMSS84W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBSS84LT1G LRC-LBSS84LT1G Datasheet
313Kb / 6P
Power MOSFET F30 mAmps, 50 Volts
LBSS138WT1G LRC-LBSS138WT1G Datasheet
371Kb / 8P
Power MOSFET 200 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS84LT1 WILLAS-BSS84LT1 Datasheet
324Kb / 4P
130 mAmps, 50 Volts
BSS84WT1 WILLAS-BSS84WT1 Datasheet
318Kb / 4P
130 mAmps, 50 Volts
logo
Leshan Radio Company
LBSS84DW1T1G LRC-LBSS84DW1T1G_15 Datasheet
569Kb / 5P
Power Mosfet 130 mAmps
LBSS84LT1G LRC-LBSS84LT1G_15 Datasheet
145Kb / 4P
Power MOSFET 130 mAmps
LBSS84WT1G LRC-LBSS84WT1G_15 Datasheet
323Kb / 6P
Power MOSFET 130 mAmps
LBSS84DW1T1G LRC-LBSS84DW1T1G Datasheet
569Kb / 5P
Power MOSFET 130 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK84 FS-FTK84 Datasheet
100Kb / 4P
POWER MOSFET 130 mAmps, 50 Volts
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com