Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMSS84W Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMSS84W
Description  POWER MOSFET 130 mAmps, 50 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMSS84W Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMSS84W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMSS84W Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3. On–Resistance versus Drain Current
0
0.2
0.4
0.6
2
5
6
Figure 4. On–Resistance versus Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 5. On–Resistance Variation with Temperature
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Gate Charge
25°C
VGS = 4.5 V
VGS = 10 V
ID = 0.52 A
-55
-5
45
95
145
4
0.6
0.8
3
0
0.2
0.4
0.6
2
5
6
ID, DRAIN CURRENT (AMPS)
VGS = 10 V
4
3
0
6
2
0
QT, TOTAL GATE CHARGE (pC)
8
4
500
VDS = 40 V
TJ = 25°C
1000
ID = 0.5 A
1500
0.1
0.3
0.5
150°C
-55°C
7
4.5
5.5
3.5
2.5
6.5
0.1
0.3
0.5
1.2
2
1.4
1.6
1.8
VGS = 4.5 V
ID = 0.13 A
2000
150°C
25°C
-55°C
8
9
7
5
1
7
3
TYPICAL ELECTRICAL CHARACTERISTICS
0.001
0.1
1
VSD, DIODE FORWARD VOLTAGE (VOLTS)
Figure 7. Body Diode Forward Voltage
TJ = 150°C
0
0.5
1.0
1.5
0.01
-55°C
25°C
2.0
2.5
3.0
LMSS84W
Rev : 01.06.2014
3/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com