Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02JC Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C02JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02JC Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C02JC Datasheet HTML 23Page - Advanced Micro Devices AM79C02JC Datasheet HTML 24Page - Advanced Micro Devices AM79C02JC Datasheet HTML 25Page - Advanced Micro Devices AM79C02JC Datasheet HTML 26Page - Advanced Micro Devices AM79C02JC Datasheet HTML 27Page - Advanced Micro Devices AM79C02JC Datasheet HTML 28Page - Advanced Micro Devices AM79C02JC Datasheet HTML 29Page - Advanced Micro Devices AM79C02JC Datasheet HTML 30Page - Advanced Micro Devices AM79C02JC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
SLAC Products
27
COMMAND STRUCTURE
This section describes in detail each of the MPI commands. Each of the commands is shown along with the format
of any additional data bytes that follow. For details of the filter coefficients of the for Cxymxy, please refer to the
Description of Coefficients section.
1. Deactivate (Standby State)
(00h)
During the Inactive state (of one or more channels):
a)
All of the programmed information is retained.
b)
The Microprocessor Interface (MPI) remains active.
c)
The PCM outputs are in high impedance and the PCM inputs are disabled.
d)
The analog output is tied to 2.1 V through an internal resistor (~3 k
Ω).
2. Software Reset
(02h)
The software reset state of the device is:
a)
The channel is placed in the Inactive (standby) mode.
b)
GX, GR, X, R, B, and Z filters are disabled with coefficients retained.
c)
AX and AR are set to unity and AISN gain is set to 0.
d)
The Adaptive B feature is disabled.
e)
A-law is selected.
f)
All SLIC I/O lines are configured as inputs.
g)
Normal conditions are selected (see Command 4).
3. No Operation
(06h)
4. Reset to Normal Conditions
(08h)
Reset to Normal Conditions performs the following operations:
a)
Does not insert 6 dB loss in receive path.
b)
Receive and transmit paths are not cutoff.
c)
High-pass filter is enabled.
d)
Test modes are turned off.
5. Activate (Operational State)
(0Eh)
This command places the device in the Active mode. No valid PCM data is transmitted until
after the second FS pulse is received following the execution of the Activate command.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
0
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
0
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
1
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com