Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02JC Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C02JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02JC Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C02JC Datasheet HTML 37Page - Advanced Micro Devices AM79C02JC Datasheet HTML 38Page - Advanced Micro Devices AM79C02JC Datasheet HTML 39Page - Advanced Micro Devices AM79C02JC Datasheet HTML 40Page - Advanced Micro Devices AM79C02JC Datasheet HTML 41Page - Advanced Micro Devices AM79C02JC Datasheet HTML 42Page - Advanced Micro Devices AM79C02JC Datasheet HTML 43Page - Advanced Micro Devices AM79C02JC Datasheet HTML 44Page - Advanced Micro Devices AM79C02JC Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
SLAC Products
41
43. Read Adaptive B Filter Coefficients
(91h)
44. Write Operating Functions 2
(64h)
Chopper Clock Control
CHP = 0
Chopper Clock is 256 kHz
CHP = 1
Chopper Clock is 292.571 kHz
Adaptation Control
EAC = 0
LST, DCR1, and DCR2 are disabled
EAC = 1
LST, DCR1, and DCR2 are enabled
EPB = 0
DPB is disabled
EPB = 1
DPB is enabled
45. Read Operating Functions 2
(65h)
RSVD
Reserved. Always write as 0, but 0 is not guaranteed when read.
Programmable Filters
General Description of CSD Coefficients
The filter functions are performed by a series of multi-
plications and accumulations. A multiplication is accom-
plished by repeatedly shifting the multiplicand and
summing the result with the previous value at that sum-
mation node. The method used in the DSLAC device is
known as Canonic Signed Digit (CSD) multiplication and
splits each coefficient into a series of CSD coefficients.
Each programmable FIR filter section has the following
general transfer function:
Eq. (1)
where the number of taps in the filter = n + 1.
The transfer function for IIR part of Z and B filters is:
Eq. (2)
The values of the user-defined coefficients (hi) are as-
signed via the MPI. Each of the coefficients (hi) is de-
fined in the following general equation:
Eq. (3)
where:
Mi = the number of shifts ≤ Mi + 1
Bi = sign = ±1
N = number of CSD coefficients
New to Revision E
D7
D6
D5
D4
D3
D2
D1
D0
Command
10010001
Output data
C20
m20
C10
m10
Output data
C21
m21
C11
m11
Output data
C32
m32
C22
m22
Output data
C12
m12
C33
m33
Output data
C23
m23
C13
m13
New to Revision E
D7
D6
D5
D4
D3
D2
D1
D0
Command
01100100
Input data
RSVD
RSVD
RSVD
RSVD
RSVD
CHP
EAC
EPB
New to Revision E
D7
D6
D5
D4
D3
D2
D1
D0
Command
01100101
Output data
RSVD
RSVD
RSVD
RSVD
RSVD
CHP
EAC
EPB
HF z
() h
0
h
1z
1
–
h
2z
2
–
… h
nz
n
–
+++
+
=
HI z
()
1
1h
n1
+
()z
1
–
–
---------------------------------
=
hi
B
12
M1
–
B
22
M2
–
… B
N2
MN
–
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com