Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02JC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C02JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02JC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C02JC Datasheet HTML 8Page - Advanced Micro Devices AM79C02JC Datasheet HTML 9Page - Advanced Micro Devices AM79C02JC Datasheet HTML 10Page - Advanced Micro Devices AM79C02JC Datasheet HTML 11Page - Advanced Micro Devices AM79C02JC Datasheet HTML 12Page - Advanced Micro Devices AM79C02JC Datasheet HTML 13Page - Advanced Micro Devices AM79C02JC Datasheet HTML 14Page - Advanced Micro Devices AM79C02JC Datasheet HTML 15Page - Advanced Micro Devices AM79C02JC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
Am79C02/03/031(A) Data Sheet
Attenuation Distortion
Group Delay Distortion
For either transmission path, the group delay distortion is within the limits shown in Figure 2. The minimum value of
the group delay is taken as the reference. The signal level should be 0 dBm0.
2
1
0
Frequency (Hz)
0.75 dB
–0.125
0.125
Transmit curve 1.35 dB
Receive curve 1 dB
DSLAC Device Specification
(transmit only)
Attenuation (dB)
Figure 1.
Attenuation Distortion (Single Ended)
200
300
3000
3400
09875H-006
0
90
150
420
DSLAC Device Specification
(Either Path)
Frequency (Hz)
Delay (
µs)
500 600
1000
2600
2800
Figure 2.
Group Delay Distortion
09875H-006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com