Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031JC Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C031JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031JC Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C031JC Datasheet HTML 31Page - Advanced Micro Devices AM79C031JC Datasheet HTML 32Page - Advanced Micro Devices AM79C031JC Datasheet HTML 33Page - Advanced Micro Devices AM79C031JC Datasheet HTML 34Page - Advanced Micro Devices AM79C031JC Datasheet HTML 35Page - Advanced Micro Devices AM79C031JC Datasheet HTML 36Page - Advanced Micro Devices AM79C031JC Datasheet HTML 37Page - Advanced Micro Devices AM79C031JC Datasheet HTML 38Page - Advanced Micro Devices AM79C031JC Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
SLAC Products
35
28. Write Z Filter Coefficients
(84h)
The Z-transform equation for the Z filter is defined as:
The coefficients are defined as:
for i = 0, 1, 2, 3, 4, 5, 6.
29. Read Z Filter Coefficients
(85h)
D7
D6
D5
D4
D3
D2
D1
D0
Command
10000100
Input Data Byte 1
C45
m45
C35
m35
Input Data Byte 2
C25
m25
C15
m15
Input Data Byte 3
C40
m40
C30
m30
Input Data Byte 4
C20
m20
C10
m10
Input Data Byte 5
C41
m41
C31
m31
Input Data Byte 6
C21
m21
C11
m11
Input Data Byte 7
C42
m42
C32
m32
Input Data Byte 8
C22
m22
C12
m12
Input Data Byte 9
C43
m43
C33
m33
Input Data Byte 10
C23
m23
C13
m13
Input Data Byte 11
C44
m44
C34
m34
Input Data Byte 12
C24
m24
C14
m14
Input Data Byte 13
C46
m46
C36
m36
Input Data Byte 14
C26
m26
C16
m16
D7
D6
D5
D4
D3
D2
D1
D0
Command
10000101
Output Data Byte 1
C45
m45
C35
m35
Output Data Byte 2
C25
m25
C15
m15
Output Data Byte 3
C40
m40
C30
m30
Output Data Byte 4
C20
m20
C10
m10
Output Data Byte 5
C41
m41
C31
m31
Output Data Byte 6
C21
m21
C11
m11
Output Data Byte 7
C42
m42
C32
m32
Output Data Byte 8
C22
m22
C12
m12
Output Data Byte 9
C43
m43
C33
m33
Output Data Byte 10
C23
m23
C13
m13
Output Data Byte 11
C44
m44
C34
m34
Output Data Byte 12
C24
m24
C14
m14
Output Data Byte 13
C46
m46
C36
m36
Output Data Byte 14
C26
m26
C16
m16
H
z z
() Z
0
Z
1z
1
–
Z
2z
2
–
Z
3z
3
–
Z
4z
4
–
Z
5
1Z
6z
1
–
–
-----------------------
+++
++
=
Z
i
Cli
2
m1i
–
•
1C2i
2
m2i
–
1C3i
2
m3i
–
1C4i
2
m4i
–
•
+
()
•
+
[]
•
+
{}
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com