Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031JC Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79C031JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031JC Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79C031JC Datasheet HTML 4Page - Advanced Micro Devices AM79C031JC Datasheet HTML 5Page - Advanced Micro Devices AM79C031JC Datasheet HTML 6Page - Advanced Micro Devices AM79C031JC Datasheet HTML 7Page - Advanced Micro Devices AM79C031JC Datasheet HTML 8Page - Advanced Micro Devices AM79C031JC Datasheet HTML 9Page - Advanced Micro Devices AM79C031JC Datasheet HTML 10Page - Advanced Micro Devices AM79C031JC Datasheet HTML 11Page - Advanced Micro Devices AM79C031JC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
Am79C02/03/031(A) Data Sheet
Power supply for the Am79C02:
AGND1
Analog Ground (Channel 1)
AGND2
Analog Ground (Channel 2)
DGND1
Digital Ground (Channel 1)
DGND2
Digital Ground (Channel 2)
PGND
PCM I/O Ground
VCCA1
+5 V Analog Power Supply (Channel 1)
VCCA2
+5 V Analog Power Supply (Channel 2)
VCCD1
+5 V Digital Power Supply
Internally connected to substrate
VCCD2
+5 V Digital Power Supply
Internally connected to substrate
VCCP
+5 V PCM I/O Power Supply
Internally connected to substrate
VEE1
–5 V Power Supply (Channel 1)
VEE2
–5 V Power Supply (Channel 2)
Power supply for the Am79C03 and Am79C031:
AGND
Analog Ground
DGND
Digital Ground
VCCA
+5 V Analog Power Supply
VCCD
+5 V Digital Power Supply
Internally connected to substrate
VEE1
–5 V Power Supply (Channel 1)
VEE2
–5 V Power Supply (Channel 2)
The many separate power supply inputs are intended to
provide for good power supply decoupling techniques.
Note that all of the +5 V inputs should be connected to
the same source, all of the ground inputs should be con-
nected to the same source, and both of the –5 V inputs
should be connected to the same source.
FUNCTIONAL DESCRIPTION
The DSLAC device performs the codec/filter functions
associated with the four-wire section of the subscriber
line circuitry in a digital switch. These functions involve
converting an analog voice signal into digital PCM sam-
ples and converting digital PCM samples back into an
analog signal. During conversion, digital filters are used
to bandlimit the voice signals.
Independent channels allow the DSLAC device to func-
tion as two SLAC devices. All of the digital filtering is
performed in digital signal processors operating from
either a 2.048 MHz or 4.096 MHz external clock. The
A/D, D/A, and signal processing is separate for each
channel and each channel has its own Chip Select (CS1
and CS2) to allow separate programming.
The user-programmable filters set the receive and
transmit gain, perform the transhybrid balancing func-
tion, permit adjustment of the two-wire termination im-
pedance, and provide equalization of the receive and
transmit paths. All programmable digital filter coeffi-
cients can be calculated using the AmSLAC2 software.
The PCM codes can be either 8-bit companded A-law
or µ-law. The PCM data is read and written to the
PCM highway in user-programmable time slots at
rates of 128 kHz to 8.192 MHz. The output hold time
and the transmit clock edge can be selected for com-
patibility with other devices that can be connected to
the PCM highway.
Four configurations of the DSLAC device are offered
with
the
PCM
interface
described
above.
The
Am79C02(A), the original version of the DSLAC device,
is available in the 44-pin PLCC package. The
Am79C03(A) and Am79C031(A) are reduced pin count
versions obtained by consolidating a number of ground
and power supply buses on chip, and eliminating the
hardware reset function. The Am79C03(A) is available
in 32-pin PLCC packages. The Am79C031(A) is avail-
able in a 32-pin PLCC package. The “A” version of both
devices (e.g., Am79C02A) offers the adaptive transhy-
brid balance feature described in the Adaptive B Filter
overview.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com