Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031JC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C031JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031JC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C031JC Datasheet HTML 1Page - Advanced Micro Devices AM79C031JC Datasheet HTML 2Page - Advanced Micro Devices AM79C031JC Datasheet HTML 3Page - Advanced Micro Devices AM79C031JC Datasheet HTML 4Page - Advanced Micro Devices AM79C031JC Datasheet HTML 5Page - Advanced Micro Devices AM79C031JC Datasheet HTML 6Page - Advanced Micro Devices AM79C031JC Datasheet HTML 7Page - Advanced Micro Devices AM79C031JC Datasheet HTML 8Page - Advanced Micro Devices AM79C031JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Publication# 09875 Rev: J
Amendment: /0
Issue Date: December 1999
Am79C02/03/031(A)
Dual Subscriber Line Audio Processing Circuit (DSLAC™) Devices
DISTINCTIVE CHARACTERISTICS
s Software programmable:
— SLIC impedance
— Transhybrid balance
— Transmit and receive gains
— Equalization
— Digital I/O pins
— Time Slot Assigner
— PCM transmit clock edge options
s Adaptive transhybrid balance filter
(A suffix only)
s A-law or µ-law coding
s Dual PCM ports
— Up to 8.192 MHz each (128 channels per port)
s 2.048 MHz or 4.096 MHz master clock
s Direct transformer drive
s Built-in test modes
s Low power CMOS
s Mixed mode (analog and digital) impedance
scaling
s Performance characteristics guaranteed over
12 dB gain range
GENERAL DESCRIPTION
The Am79C02/03/031(A) Dual Subscriber Line Audio
Processing Circuit (DSLAC device) integrates the key
functions of an analog linecard into a single high-per-
formance, programmable dual codec/filter device. The
DSLAC device is based on the proven design of the
reliable Am7901A Subscriber Line Audio Processing
Circuit (SLAC™ device). The advanced architecture of
the DSLAC device implements two independent chan-
nels and employs digital filters to allow software control
of transmission, thus providing a cost effective solution
for the analog to PCM function of a linecard.
The Am79C02/03/031(A) DSLAC device’s advanced
CMOS technology makes this an economical device
that has both the functionality and the low power con-
sumption needed in linecard designs to maximize line-
card density at minimum cost. When used with two AMD
SLICs, the DSLAC device provides software config-
urable solutions to the BORSCHT function.


Similar Part No. - AM79C031JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79C031JC ETC1-AM79C031JC Datasheet
501Kb / 48P
Advanced Subscriber Line Interface Circuit (ASLIC) Device
More results

Similar Description - AM79C031JC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com