Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP2000LP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # HDSP2000LP
Description  0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HDSP2000LP Datasheet(HTML) 3 Page - Infineon Technologies AG

  HDSP2000LP Datasheet HTML 1Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 2Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 3Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 4Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 5Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 6Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
HDSP200LP/1LP/2LP/3LP
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
3
April 4, 2000-11
Recommended Operating Conditions
Note:
1) See Figure 3: Peak column current versus column voltage
Optical Characteristics
Red HDSP2000LP
Yellow HDSP2001LP
High Efficiency Red HDSP2002LP
Green HDSP2003LP
Notes:
1) The displays are categorized for luminous intensity with the intensity category designated by a letter code on the bottom of the package.
2) Dominant wavelength (
λdom) is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color
of the device.
3) The luminous sterance of the LED may be calculated using the following relationships:
LV (cd/m2)=IV (Candela)/A (Meter)2
LV (Footlamberts)=π IV (Candela)/A (Foot)2
HDSP2000LP, A=5 58 x 10-8 m2=6 x 10-7 ft.2
HDSP2001/2/3LP, A=7.8 x 10-8m2=8.4 x 10-7ft.2
4) All typical values specified at VCC=5.0 V and TA=25°C unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply Voltage
VCC
4.75
5.0
5.25
V
Data Out Current, Low State
IOL
—
—
1.6
mA
Data Out Current, High State
IOH
–0.5
—
—
mA
Column Input Voltage, Column On HDSP2000LP (1)
VCOL
2.4
—
3.5
V
Column Input Voltage, Column On, HDSP2001LP/2002LP/2003LP (1)
VCOL
2.75
—
3.5
V
Setup Time
TSETUP
70
——ns
Hold Time
THOLD
30
——ns
Width of Clock
TW(CLK)
75
——ns
Clock Frequency
TCLK
—
—
5.0
MHz
Clock Transition Time
TTHL
—
—
200
ns
Description
Symbol
Min.
Typ. (4)
Units
Test Conditions
Peak Luminous Intensity per LED (1,3)
(Character Average)
IVpeak
105
200
µcd
VCC=5.0 V, VCOL=3.5 V
TA=25°C, VB=2.4 V
Peak Wavelength
λVpeak
—
655
nm
—
Dominant Wavelength (2)
λdom
—
639
nm
—
Description
Symbol
Min.
Typ. (4)
Units
Test Conditions
Peak Luminous Intensity per LED (1,3)
(Character Average)
IVpeak
400
1140
µcd
VCC=5.0 V, VCOL=3.5 V
TA=25°C, VB=2.4 V
Peak Wavelength
λVpeak
—
583
nm
—
Dominant Wavelength (2)
λdom
—
585
nm
—
Description
Symbol
Min.
Typ. (4)
Units
Test Conditions
Peak Luminous Intensity per LED (1,3)
(Character Average)
IVpeak
400
1430
µcd
VCC=5.0 V, VCOL=3.5 V
TA=25°C, VB=2.4 V
Peak Wavelength
λVpeak
—
635
nm
—
Dominant Wavelength (2)
λdom
—
626
nm
—
Description
Symbol
Min.
Typ. (4)
Units
Test Conditions
Peak Luminous Intensity per LED (1,3)
(Character Average)
IVpeak
650
1550
µcd
VCC=5.0 V, VCOL=3.5 V
TA=25°C, VB=2.4 V
Peak Wavelength
λVpeak
—
565
nm
—
Dominant Wavelength (2)
λdom
—
569
nm
—



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com