Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP2000LP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HDSP2000LP
Description  0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HDSP2000LP Datasheet(HTML) 7 Page - Infineon Technologies AG

  HDSP2000LP Datasheet HTML 1Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 2Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 3Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 4Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 5Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 6Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
HDSP200LP/1LP/2LP/3LP
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
7
April 4, 2000-11
Figure 6. Normalized Luminous Intensity vs.
Junction Temperature
When mounted in a 10
°C/W socket and operated at Absolute
Maximum Electrical conditions, the HDSP200XLP will show an
LED junction rise of 17
°C. lf T
A=40°C, then the LED’s TJ will be
57
°C. Under these conditions Figure 7 shows that the I
V will be
75% of its 25
°C value.
Figure 7. Maximum LED Junction Temperature vs.
Socket Thermal Resistance
Figure 8. Maximum Package Power Dissipation
140
120
100
80
60
40
20
0
-20
-40
-60
.1
1
10
Tj - LED Junction Temperature - °C
Normalized to:
Ta = 25°C
50
45
40
35
30
25
20
15
10
5
0
0
5
10
15
20
25
30
35
40
45
50
Socket Thermal Resistance - °C/W
Vcol = 3.5V, Icol = 410mA
Vcc =5.25V, Icc = 10mA
n = 20 LEDs, DF= 20%
P = 0.87W
40
35
30
25
20
15
10
5
0
0.0
0.5
1.0
1.5
LEDs on per Character
Vcc = 5.25V, Icc = 10mA
Vcol = 3.5, Icol = 410mA
DF = 20%, Ta = 25°C
Figure 9. Package Power Dissipation
Figure 10. Maximum Character Power Dissipation
Figure 11. Character Power Dissipation
40
35
30
25
20
15
10
5
0
0.0
0.5
1.0
1.5
LEDs on per Character
Vcc = 5.25V, Icc = 10mA
Vcol = 3.5, Icol = 410mA
DF = 20%, Ta = 25°C
40
35
30
25
20
15
10
5
0
0.0
0.5
1.0
1.5
LEDs on per Character
Vcc = 5.25V, Icc = 10mA
Vcol = 3.5, Icol = 410mA
DF = 20%, Ta = 25°C
40
35
30
25
20
15
10
5
0
0.00
0.50
1.00
1.50
2.00
20%
17%
10%
5%
LEDs on per Character
Duty Factor
Vcc = 5V, Icc = 5mA
Vcol = 3.5V, Icol = 335mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com