Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP2000LP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # HDSP2000LP
Description  0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HDSP2000LP Datasheet(HTML) 1 Page - Infineon Technologies AG

  HDSP2000LP Datasheet HTML 1Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 2Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 3Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 4Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 5Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 6Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
April 4, 2000-11
FEATURES
• Four 0.150" Dot Matrix Characters
• Four Colors: Red, Yellow, High Efficiency
Red, Green
• Wide Viewing Angle: X Axis +50
°, Y Axis +75°
• Built-in CMOS Shift Registers with Constant
Current LED Row Drivers
• Custom Fonts from Shift Registers
• Easily Cascaded for Multiple Displays
• TTL Compatible
• End Stackable
• Extended Operating Temperature Range:
–40
°C to + 85°C
• Categorized for Luminous Intensity
• All Displays Color Matched
• Compact Plastic Package
• 100% Burned-in and Tested
RED
HDSP2000LP
YELLOW
HDSP2001LP
HIGH EFFICIENCY RED
HDSP2002LP
GREEN
HDSP2003LP
0.150" 4-Character 5 x 7 Dot Matrix
Serial Input Alphanumeric Display
DESCRIPTION
The HDSP200XLP are four digit 5 x 7 dot matrix serial input alphanu-
meric displays. The displays are available in red, yellow, high efficiency
red, or bright green. The package is a standard twelve-pin DIP with a
flat plastic lens. The display can be stacked horizontally or vertically to
form messages of any length.
The HDSP200XLP has two fourteen-bit CMOS shift registers with
built-in row drivers. These shift registers drive twenty-eight rows and
enable the design of customized fonts. Cascading multiple displays is
possible because of the Data In and Data Out pins. Data In and Out
are easily input with the clock signal and displayed in parallel on the
row drivers. Data Out represents the output of the 7th bit of digit
number four shift register The shift register is level triggered. The like
columns of each character in a display cluster are tied to a single pin
(see Block Diagram). High true data in the shift register enables the
output current mirror driver stage associated with each row of LEDs
in the 5 x 7 diode array.
.146
(3.71)
Part No.
.170
(4.32)
.020 (.51)
±.003 (.08)
12 pl.
EIA Date Code
Luminous Intensity Code
or Color Code for Yellow
HDSP2000LP
OSRAM
YYWW
Z
.699 (17.75) max.
.175 (4.44)
±.005 (.13)
.200
(5.08)
.100 (2.54)
±.005 (.13)
non-cum.10 pl.
.083
(2.11)
.200
(5.08)
.300 (7.62)
±.010 (.25)
.012 (.3)
±.002 (.05)
.150
(3.81)
.350
(8.89)
1
2
3
4
5
6
12
11
10
9
8
7
Pin 1
Indicator
Tolerance:
±.015 (.38)
Pin Function
1
Column 1
2
Column 2
3
Column 3
4
Column 4
5
Column 5
6
No Connection
7
Data Out
8VB
9
VCC
10
Clock
11
Ground
12
Data In
Dimensions in inches (mm)
See Appnote 44 at www.infineon.com/opto.


Similar Part No. - HDSP2000LP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP2000 HP-HDSP2000 Datasheet
491Kb / 5P
FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
More results

Similar Description - HDSP2000LP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
Agilent(Hewlett-Packard...
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com