Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA9002
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA9002 Datasheet HTML 7Page - Analog Devices ADPA9002 Datasheet HTML 8Page - Analog Devices ADPA9002 Datasheet HTML 9Page - Analog Devices ADPA9002 Datasheet HTML 10Page - Analog Devices ADPA9002 Datasheet HTML 11Page - Analog Devices ADPA9002 Datasheet HTML 12Page - Analog Devices ADPA9002 Datasheet HTML 13Page - Analog Devices ADPA9002 Datasheet HTML 14Page - Analog Devices ADPA9002 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADPA9002
Rev. 0 | Page 11 of 19
36
20
22
24
28
26
30
32
34
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 26. PSAT vs. Low Frequency,10 MHz to 1 GHz for Various Temperatures,
Self Biased Mode, VDD = 12 V, VGG1 = GND
36
20
22
24
28
26
30
32
34
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
10V, 375mA
12V, 385mA
15V, 410mA
Figure 27. PSAT vs. Frequency for Various VDD and Quiescent Currents,
Self Biased Mode, VGG1 = GND
30
0
3
6
9
12
18
15
21
24
27
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 28. Power Added Efficiency (PAE) vs. Frequency for Various Temperatures,
Self Biased Mode, VDD = 12 V, VGG1 = GND, PAE Measured at PSAT
36
20
22
24
28
26
30
32
34
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 29. PSAT vs. Frequency, 1 GHz to 12 GHz for Various Temperatures,
Self Biased Mode, VDD = 12 V, VGG1 = GND
36
20
22
24
28
26
30
32
34
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
300mA
400mA
385mA, SELF BIASED
500mA
Figure 30. PSAT vs. Frequency for Various IDQ, Externally Biased Mode,
VDD = 12 V, Controlled VGG1
30
0
3
6
9
12
18
15
21
24
27
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
10V, 375mA
12V, 385mA
15V, 410mA
Figure 31. PAE vs. Frequency for Various VDD and Quiescent Currents,
Self Biased Mode, VGG1 = GND, PAE Measured at PSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com