Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA9002
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002 Datasheet(HTML) 1 Page - Analog Devices

  ADPA9002 Datasheet HTML 1Page - Analog Devices ADPA9002 Datasheet HTML 2Page - Analog Devices ADPA9002 Datasheet HTML 3Page - Analog Devices ADPA9002 Datasheet HTML 4Page - Analog Devices ADPA9002 Datasheet HTML 5Page - Analog Devices ADPA9002 Datasheet HTML 6Page - Analog Devices ADPA9002 Datasheet HTML 7Page - Analog Devices ADPA9002 Datasheet HTML 8Page - Analog Devices ADPA9002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
GaAs, pHEMT, MMIC, Single Positive Supply,
DC to 10 GHz Power Amplifier
Data Sheet
ADPA9002
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
OP1dB: 29 dBm typical
Gain: up to 15 dB typical
OIP3: up to 43 dBm typical
Self biased at VDD = 12 V at 385 mA typical with an optional
bias control on VGG1 for IDQ adjustment
50 Ω matched input/output
32-lead, 5 mm × 5 mm LFCSP
APPLICATIONS
Military and space
Test instrumentation
FUNCTIONAL BLOCK DIAGRAM
17
1
3
4
2
GND
NIC
NIC
GND
5
6
RFIN
GND
7
NIC
8
GND
GND
PACKAGE
BASE
GND
18 NIC
19 NIC
20 GND
21 RFOUT/VDD
22 GND
23 NIC
24 GND
ADPA9002
Figure 1.
GENERAL DESCRIPTION
The ADPA9002 is a gallium arsenide (GaAs), pseudomorphic
high electron mobility transistor (pHEMT), monolithic
microwave integrated circuit (MMIC), power amplifier that
operates between dc and 10 GHz. The amplifier provides 15 dB
of gain, 42 dBm of OIP3, and 31.5 dBm of saturated output
power (PSAT) while requiring 385 mA from a 12 V supply. The
ADPA9002 is self biased in normal operation and has an
optional bias control for supply quiescent current (IDQ)
adjustment. The amplifier is ideal for military and space and
test equipment applications. The ADPA9002 also features inputs
and outputs that are internally matched to 50 Ω, housed in a
RoHS compliant, 5 mm × 5 mm LFCSP premolded cavity
package, making it compatible with high volume surface-mount
technology (SMT) assembly equipment.
Note that throughout this data sheet, multifunction pins, such
as RFOUT/VDD, are referred to either by the entire pin name or
by a single function of the pin, for example, VDD, when only that
function is relevant.


Similar Part No. - ADPA9002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA9007 AD-ADPA9007 Datasheet
2Mb / 28P
DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
Rev. 0
ADPA9007-2 AD-ADPA9007-2 Datasheet
1Mb / 28P
DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
Rev. 0
More results

Similar Description - ADPA9002

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459 Datasheet
258Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659 Datasheet
320Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC659LC5 HITTITE-HMC659LC5 Datasheet
293Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
logo
Analog Devices
HMC637BPM5E AD-HMC637BPM5E Datasheet
631Kb / 21P
GaAs, pHEMT, MMIC, Single Positive Power Amplifier
May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com