Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA9002
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA9002 Datasheet HTML 8Page - Analog Devices ADPA9002 Datasheet HTML 9Page - Analog Devices ADPA9002 Datasheet HTML 10Page - Analog Devices ADPA9002 Datasheet HTML 11Page - Analog Devices ADPA9002 Datasheet HTML 12Page - Analog Devices ADPA9002 Datasheet HTML 13Page - Analog Devices ADPA9002 Datasheet HTML 14Page - Analog Devices ADPA9002 Datasheet HTML 15Page - Analog Devices ADPA9002 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADPA9002
Data Sheet
Rev. 0 | Page 12 of 19
Figure 32. PAE vs. Frequency for Various IDQ, Externally Biased Mode,
VDD = 12 V, Controlled VGG1, PAE Measured at PSAT
20
35
0
5
10
15
20
30
25
480
390
400
410
420
440
430
470
450
460
–5
0
5
10
15
INPUT POWER (dBm)
POUT
GAIN
IDD
PAE
Figure 33. POUT, Gain, PAE, Supply Current (IDD) vs. Input Power, 3 GHz,
Self Biased Mode, VDD = 12 V, VGG1 = GND
20
540
380
400
420
460
440
520
500
480
35
0
5
10
15
20
30
25
–5
0
5
10
15
INPUT POWER (dBm)
POUT
GAIN
IDD
PAE
Figure 34. POUT, Gain, PAE, IDD vs. Input Power, 8 GHz,
Self Biased Mode, VDD = 12 V, VGG1 = GND
20
35
0
5
10
15
20
30
25
480
390
400
410
420
440
430
470
450
460
–5
0
5
10
15
INPUT POWER (dBm)
POUT
GAIN
IDD
PAE
Figure 35. POUT, Gain, PAE, IDD vs. Input Power, 1 GHz,
Self Biased Mode, VDD = 12 V, VGG1 = GND
20
35
0
5
10
15
20
30
25
530
390
410
430
450
470
490
510
–5
0
5
10
15
INPUT POWER (dBm)
POUT
GAIN
IDD
PAE
Figure 36. POUT, Gain, PAE, IDD vs. Input Power, 6 GHz,
Self Biased Mode, VDD = 12 V, VGG1 = GND
20
35
0
5
10
15
20
30
25
520
380
400
420
440
460
480
500
–5
0
5
10
15
INPUT POWER (dBm)
POUT
GAIN
IDD
PAE
Figure 37. POUT, Gain, PAE, IDD vs. Input Power, 10 GHz,
Self Biased Mode, VDD = 12 V, VGG1 = GND
30
0
3
6
9
12
18
15
21
24
27
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
300mA
400mA
385mA, SELF BIASED
500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com