Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA9002ACGZN
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA9002ACGZN Datasheet HTML 2Page - Analog Devices ADPA9002ACGZN Datasheet HTML 3Page - Analog Devices ADPA9002ACGZN Datasheet HTML 4Page - Analog Devices ADPA9002ACGZN Datasheet HTML 5Page - Analog Devices ADPA9002ACGZN Datasheet HTML 6Page - Analog Devices ADPA9002ACGZN Datasheet HTML 7Page - Analog Devices ADPA9002ACGZN Datasheet HTML 8Page - Analog Devices ADPA9002ACGZN Datasheet HTML 9Page - Analog Devices ADPA9002ACGZN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADPA9002
Data Sheet
Rev. 0 | Page 6 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17
1
3
4
2
GND
NIC
NIC
GND
5
6
RFIN
GND
7
NIC
8
GND
GND
18 NIC
19 NIC
20 GND
21 RFOUT/VDD
22 GND
23 NIC
24 GND
ADPA9002
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE PINS
MUST BE CONNECTED TO RF AND DC GROUND.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF AND DC GROUND.
PACKAGE
BASE
GND
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 6, 8, 9, 16, 17, 20,
22, 24, 25, 32
GND
Ground. These pins must be connected to RF and dc ground.
2, 3, 7, 10, 11, 12, 14, 18,
19, 23, 26, 27, 28, 31
NIC
Not Internally Connected. These pins must be connected to RF and dc ground.
5
RFIN
RF Input. This pin is dc-coupled and matched to 50 Ω. See Figure 6 for the interface schematic.
13
VGG1
Gate Voltage. This pin is used for external bias operation of the device. If grounded, the amplifier
runs in self biased mode at the standard current of 385 mA. Adjusting the voltage above or
below the ground potential controls the drain current. External bypass capacitors are required
(see Figure 62). See Figure 7 for the interface schematic.
15, 29, 30
ACG3, ACG2, ACG1
AC Ground Pins. These pins are used for low frequency termination. External bypass
capacitor required (see Figure 62). See Figure 4 and Figure 5 for the interface schematics.
21
RFOUT/VDD
RF Output for the Amplifier (RFOUT).
Drain Voltage (VDD). Connect the VDD network to provide the drain current (IDD) (see Figure 62).
See Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com