Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA9002ACGZN
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN Datasheet(HTML) 2 Page - Analog Devices

  ADPA9002ACGZN Datasheet HTML 1Page - Analog Devices ADPA9002ACGZN Datasheet HTML 2Page - Analog Devices ADPA9002ACGZN Datasheet HTML 3Page - Analog Devices ADPA9002ACGZN Datasheet HTML 4Page - Analog Devices ADPA9002ACGZN Datasheet HTML 5Page - Analog Devices ADPA9002ACGZN Datasheet HTML 6Page - Analog Devices ADPA9002ACGZN Datasheet HTML 7Page - Analog Devices ADPA9002ACGZN Datasheet HTML 8Page - Analog Devices ADPA9002ACGZN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADPA9002
Data Sheet
Rev. 0 | Page 2 of 19
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
DC to 2 GHz ................................................................................. 3
2 GHz to 5 GHz ............................................................................ 3
5 GHz to 10 GHz .......................................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution...................................................................................5
Pin Configuration and Function Descriptions..............................6
Interface Schematics .....................................................................7
Typical Performance Characteristics ..............................................8
Constant IDD Operation ............................................................. 16
Theory of Operation ...................................................................... 17
Applications Information .............................................................. 18
Typical Application Circuit....................................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
10/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com