Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA9002ACGZN
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA9002ACGZN Datasheet HTML 4Page - Analog Devices ADPA9002ACGZN Datasheet HTML 5Page - Analog Devices ADPA9002ACGZN Datasheet HTML 6Page - Analog Devices ADPA9002ACGZN Datasheet HTML 7Page - Analog Devices ADPA9002ACGZN Datasheet HTML 8Page - Analog Devices ADPA9002ACGZN Datasheet HTML 9Page - Analog Devices ADPA9002ACGZN Datasheet HTML 10Page - Analog Devices ADPA9002ACGZN Datasheet HTML 11Page - Analog Devices ADPA9002ACGZN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADPA9002
Data Sheet
Rev. 0 | Page 8 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
20
–20
–10
–15
–5
0
5
10
15
0
100
200
300
400
500
FREQUENCY (MHz)
S11 (dB)
S21 (dB)
S22 (dB)
Figure 8. S22, S21, and S11 vs. Frequency, 10 MHz to 500 MHz,
Self Biased Mode, VDD = 12 V, VGG1 = GND
10
12
18
6
8
10
12
14
16
0
2
4
6
8
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 9. Gain vs. Frequency for Various Temperatures, Self Biased Mode,
VDD = 12 V, VGG1 = GND
10
12
18
6
8
10
12
14
16
0
2
4
6
8
FREQUENCY (GHz)
300mA
400mA
385mA, SELF BIASED
500mA
Figure 10. Gain vs. Frequency for Various IDQ, Externally Biased Mode,
VDD = 12 V, Controlled VGG1
20
–20
–10
–15
–5
0
5
10
15
0
2
6
4
10
8
12
14
16
FREQUENCY (GHz)
S11 (dB)
S21 (dB)
S22 (dB)
Figure 11. S22, S21, and S11 vs. Frequency, 500 MHz to 16 GHz,
Self Biased Mode, VDD = 12 V, VGG1 = GND
10
12
18
6
8
10
12
14
16
0
2
4
6
8
FREQUENCY (GHz)
10V, 375mA
12V, 385mA
15V, 410mA
Figure 12. Gain vs. Frequency for Various VDD and Quiescent Currents,
Self Biased Mode, VGG1 = GND
10
12
0
–20
–16
–12
–8
–4
0
2
4
6
8
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. Input Return Loss vs. Frequency for Various Temperatures,
Self Biased Mode, VDD = 12 V, VGG1 = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com