Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5740
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5740 Datasheet HTML 1Page - Analog Devices ADRF5740 Datasheet HTML 2Page - Analog Devices ADRF5740 Datasheet HTML 3Page - Analog Devices ADRF5740 Datasheet HTML 4Page - Analog Devices ADRF5740 Datasheet HTML 5Page - Analog Devices ADRF5740 Datasheet HTML 6Page - Analog Devices ADRF5740 Datasheet HTML 7Page - Analog Devices ADRF5740 Datasheet HTML 8Page - Analog Devices ADRF5740 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADRF5740
Data Sheet
Rev. 0 | Page 4 of 13
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT LINEARITY1
100 MHz to 50 GHz
0.1 dB Power Compression (P0.1dB)
25.5
dBm
1 dB Power Compression (P1dB)
26.5
dBm
Third-Order Intercept (IP3)
Two-tone input power = 12 dBm per tone,
Δf = 1 MHz, all attenuation states
45
dBm
DIGITAL CONTROL INPUTS
LE, D2, D3, D4, D5 pins
Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.3
V
Current
Low (IINL)
−10
µA
High (IINH)
LE, D2, D3, D4, D5 pins
<1
µA
SUPPLY CURRENT
Positive Supply Current (IDD)
VDD pin
Bias Low
LE, D2, D3, D4, D5 = 0 V
52
µA
Bias High
LE, D2, D3, D4, D5 = 3.3 V
2
µA
Negative Supply Current (ISS)
VSS pin
−110
µA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
VDD
3.15
3.45
V
VSS
−3.45
−3.15
V
Digital Control Voltage
0
VDD
V
RF Power2
f = 100 MHz to 50 GHz, TCASE = 85°C,3 all
attenuation states
Input at ATTIN
Steady state, average
24
dBm
Steady state, peak
24
dBm
Hot switching, average
24
dBm
Hot switching, peak
24
dBm
Input at ATTOUT
Steady state, average
16
dBm
Steady state, peak
16
dBm
Hot switching, average
16
dBm
Hot switching, peak
16
dBm
TCASE
−40
+105
°C
1
Input linearity performance degrades over frequency (see Figure 21 and Figure 22).
2
For power derating over frequency, see Figure 2 and Figure 3. Power derating is applicable for all ATTIN and ATTOUT power specifications.
3
For 105°C operation, the power handling degrades from the TCASE = 85°C specifications by 3 dB.
TIMING SPECIFICATIONS
See Figure 24 for the timing diagram.
Table 2.
Parameter
Description
Min
Typ
Max
Unit
tLEW
Minimum LE pulse width
10
ns
tPH
Hold time
10
ns
tPS
Setup time
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com