Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5740
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5740 Datasheet HTML 1Page - Analog Devices ADRF5740 Datasheet HTML 2Page - Analog Devices ADRF5740 Datasheet HTML 3Page - Analog Devices ADRF5740 Datasheet HTML 4Page - Analog Devices ADRF5740 Datasheet HTML 5Page - Analog Devices ADRF5740 Datasheet HTML 6Page - Analog Devices ADRF5740 Datasheet HTML 7Page - Analog Devices ADRF5740 Datasheet HTML 8Page - Analog Devices ADRF5740 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADRF5740
Rev. 0 | Page 3 of 13
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, digital voltages = 0 V or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
10
60,000
MHz
INSERTION LOSS
10 MHz to 20 GHz
1.4
dB
20 GHz to 44 GHz
2.2
dB
44 GHz to 55 GHz
3.3
dB
55 GHz to 60 GHz
4.4
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
10 MHz to 20 GHz
14
dB
20 GHz to 44 GHz
13
dB
44 GHz to 55 GHz
12
dB
55 GHz to 60 GHz
10
dB
ATTENUATION
Range
Between minimum and maximum
attenuation states
22
dB
Step Size
Between any successive attenuation states
2
dB
Accuracy
Referenced to insertion loss
10 MHz to 20 GHz
±(0.1 + 1.0% of state)
dB
20 GHz to 44 GHz
±(0.2 + 3.0% of state)
dB
44 GHz to 55 GHz
±(0.2 + 7.0% of state)
dB
55 GHz to 60 GHz
±(0.3 + 7.0% of state)
dB
Step Error
Between any successive state
10 MHz to 20 GHz
±0.30
dB
20 GHz to 44 GHz
±0.50
dB
44 GHz to 55 GHz
±0.60
dB
55 GHz to 60 GHz
±1.2
dB
RELATIVE PHASE
Referenced to insertion loss
10 MHz to 20 GHz
22
Degrees
20 GHz to 44 GHz
55
Degrees
44 GHz to 55 GHz
65
Degrees
55 GHz to 60 GHz
70
Degrees
SWITCHING CHARACTERISTICS
All attenuation states at input power =
10 dBm
Rise and Fall Time (tRISE and tFALL)
10% to 90% of RF output
50
ns
On and Off Time (tON and tOFF)
50% triggered control to 90% of RF output
100
ns
RF Amplitude Settling Time
0.1 dB
50% triggered control to 0.1 dB of final RF
output
175
ns
0.05 dB
50% triggered control to 0.05 dB of final
RF output
225
ns
Overshoot
2
dB
Undershoot
0.75
dB
RF Phase Settling Time
f = 40 GHz
5°
50% triggered control to 5° of final RF output
105
ns
1°
50% triggered control to 1° of final RF output
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com