Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740 Datasheet (PDF) - Analog Devices

Part # ADRF5740
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
File Size   325.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740 Datasheet (PDF) - Analog Devices



Similar Part No. - ADRF5740

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN AD-ADRF5700BCCZN Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN-R7 AD-ADRF5700BCCZN-R7 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5702 AD-ADRF5702 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN AD-ADRF5702BCCZN Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
More results


Similar Description - ADRF5740

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com