Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices LTC4449 Datasheet HTML 15Page - Analog Devices LTC4449 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
LTC7872
12
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM Functional Diagram Shows Two Channels Only.
+
–
1.32V
1.08V
BUCK_EN
7872 BD
DRIVER
PWM1
VLOW
VHIGH
PWMEN
DRIVER
–
+
CLK
SNSA1+
SNSD1+
SNS1–
+
–
+–
SNSA2+
SNSD2+
SNS2–
+
–
+–
ICMP1
ICMP2
1.25V + SETCUR
|1.25V – SETCUR|
VFBLOW
VFBHIGH
CONTROL
LOGIC
IDAC
SPI INTERFACE
IDAC
SETCUR
VHIGH_UV
VHIGH_OV
OVHIGH
UVHIGH
VREF
EXTVCC
VHIGH
VHIGH
PWM2
LOGIC 2
PGOOD
CSB
BUCK
BOOST_EN
BUCK_EN
SCLK SDI
SDO
V5
IREV1,2
ICMP1,2
VFLD
BUCK_EN
VREF
OVLOW
MODE
VREF
VLOW_OV
VHIGH
VFBLOW
ITHLOW
SETCUR
IMON
VLOW
VLOW
SNSA1+
SNS1–
SNSD1+
SNSA2+
SNS2–
SNSD2+
SS
1.2V
BUCK_EN
VFBLOW
SS
1.2V
ITHHIGH
SYNC
BOOST_EN
VFBHIGH
FREQ
CLKOUT
SS
1.2V
–
+
–
+
–
+
EA_VHIGH
EA_VLOW
EA_VLOW
INTERNAL
LDO REG
EXTVCC
LDO REG
5V LDO
PLL/OSC
PHASE
DETECTOR
VFBLOW
VFBHIGH
FAULT
VLOW_OV
VHIGH_OV
VHIGH_UV
+
–
+
–
SS
SGND
V5
DRVCC
EXTVCC
DRVSET
1µA
VHIGH
20µA
100k
CLK
V5
LOGIC 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com