Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 3 Page - Analog Devices

  LTC4449 Datasheet HTML 1Page - Analog Devices LTC4449 Datasheet HTML 2Page - Analog Devices LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LTC7872
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VHIGH ..................................................... –0.3V to 100V
Current Sense Voltages
(SNSD+, SNSA+, SNS– Phase 1 to 4) ... –0.3V to 60V
(SNSA+ – SNS–) ................................. –0.3V to 0.3V
(SNSD+ – SNS–) ................................. –0.3V to 0.3V
EXTVCC .................................................... –0.3V to 60V
DRVCC ....................................................... –0.3V to 11V
RUN, OVHIGH, UVHIGH, OVLOW .................... –0.3V to 6V
V5 .............................................................. –0.3V to 6V
SCLK, SDI, SDO, CSB.................................. –0.3V to 6V
PWM1, PWM2, PWM3, PWM4, PWMEN.... –0.3V to V5
ITHHIGH, ITHLOW, VFBHIGH, VFBLOW............ –0.3V to V5
FAULT, SETCUR, DRVSET, PGOOD.............. –0.3V to V5
IMON, ILIM, SS, BUCK, MODE.................... –0.3V to V5
FREQ, SYNC, CLKOUT................................. –0.3V to V5
Operating Junction Temperature Range
(Notes 2, 3)....................................... –40°C to 150°C
Storage Temperature Range ................. –65°C to 150°C
DRVCC/EXTVCC Peak Current
(Guaranteed by Design) ...................................150mA
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SS
VFBLOW
ITHLOW
SGND
ITHHIGH
VFBHIGH
V5
IMON
SETCUR
OVHIGH
UVHIGH
OVLOW
VHIGH
NC
DRVCC
SGND
DRVSET
EXTVCC
SCLK
SDI
SDO
CSB
PWM4
FAULT
TOP VIEW
49
GND
LXE PACKAGE
48-LEAD (7mm × 7mm) PLASTIC LQFP
TJMAX = 150°C, θJA = 36°C/W
EXPOSED PAD (PIN 49) IS SGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION*
TEMPERATURE RANGE
LTC7872ELXE#PBF
LTC7872 LXE
48-Lead (7mm × 7mm) Plastic LXE
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC7872ILXE#WPBF
LTC7872 LXE
48-Lead (7mm × 7mm) Plastic LXE
–40°C to 125°C
LTC7872JLXE#WPBF
LTC7872 LXE
48-Lead (7mm × 7mm) Plastic LXE
–40°C to 150°C
LTC7872HLXE#WPBF
LTC7872 LXE
48-Lead (7mm × 7mm) Plastic LXE
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
This product is available in 160-piece trays.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com