Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4449
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 16Page - Analog Devices LTC4449 Datasheet HTML 17Page - Analog Devices LTC4449 Datasheet HTML 18Page - Analog Devices LTC4449 Datasheet HTML 19Page - Analog Devices LTC4449 Datasheet HTML 20Page - Analog Devices LTC4449 Datasheet HTML 21Page - Analog Devices LTC4449 Datasheet HTML 22Page - Analog Devices LTC4449 Datasheet HTML 23Page - Analog Devices LTC4449 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
LTC7872
20
Rev. 0
For more information www.analog.com
The Typical Application on the first page of this data sheet
is a basic LTC7872 application circuit. In general, external
component selection is driven by the load requirements,
and begins with the DCR or RSENSE and inductor value.
Next, power MOSFETs are selected. Finally, VHIGH and
VLOW capacitors are selected.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant fre-
quency architectures by preventing subharmonic oscilla-
tions at high duty cycles. It is accomplished internally by
adding a compensating ramp to the inductor current sig-
nal at duty cycles in excess of 40%. Normally, this results
in a reduction of maximum inductor peak current for duty
cycles > 40%. However, the LTC7872 uses a scheme that
counteracts this compensating ramp, which allows the
maximum inductor peak current to remain unaffected
throughout all duty cycles.
Current Limit Programming
The ILIM pin is a 5-level logic input which sets the maxi-
mum current limit of the controller. Table 5 shows the five
ILIM settings. Please note that these settings represent
the peak inductor current setting. Because of the inductor
ripple current, the average output current is lower than
the peak current. Setting ILIM using a resistor divider
from V5 to SGND will allow the maximum current sense
threshold setting to not change when the 5V LDO is in
dropout at start-up. Please note that the ILIM pin has an
internal 200k pull down resistor to SGND and a 200k pull
up resistor to V5.
Table 5. ILIM Settings
ILIM Pin Voltage
Maximum Current Sense Threshold
DCR Sensing
RSENSE
0V
10mV
12.5mV
1/4 VV5
20mV
25mV
Float
30mV
37.5mV
3/4 VV5
40mV
50mV
VV5
50mV
62.5mV
APPLICATIONS INFORMATION
SNSD+, SNSA+ and SNS– Pins
The SNSA+ and SNS– pins are the inputs to the current
comparators, while the SNSD+ and SNS– pins are the input
of an internal DC amplifier. The operating input voltage
range is 0V to 60V for all three sense pins. All the positive
sense pins that are connected to the current comparator
or the amplifier are high impedance with input bias cur-
rents of less than 1μA. The SNS– pin is not a high imped-
ance pin. For VLOW voltages greater than V5, the current
comparators derive their bias currents directly from the
SNS– pins. The SNS– pins should be connected directly
to VLOW. Care must be taken not to float these pins during
normal operation. Filter components, especially capaci-
tors, must be placed close to the LTC7872, and the sense
lines should run close together to a Kelvin connection
underneath the current sense element (Figure 2). Because
the LTC7872 is designed to be used with a very low value
sensing element to sense inductor current, without proper
care, the parasitic resistance, capacitance and inductance
will degrade the current sense signal integrity, making
the programmed current limit unpredictable. As shown in
Figure 3, resistor R1 is placed close to the output induc-
tor and capacitors C1 and C2 are close to the IC pins to
prevent noise coupling to the sense signal.
Figure 2.
COUT
TO SENSE FILTER LOCATED
NEXT TO THE CONTROLLER
7872 F02
Sense Lines Placement with Sense Resistor
Inductor DCR Sensing
The LTC7872 is specifically designed for high load current
applications requiring the highest possible efficiency; it is
capable of sensing the signal of an inductor DCR in the
milliohm range (Figure 3). The DCR is the DC winding
resistance of the inductor’s copper, which is often several
mΩ for high current inductors. In high current applica-
tions, the conduction loss of a high DCR or a sense resis-
tor will cause a significant reduction in power efficiency.
The SNSA+ pin connects to the filter that has a R1 • C1
time constant one-fifth of the L/DCR of the inductor. The
SNSD+ pin is connected to the second filter with the time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com